Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V2GRGZR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V2GRGZR
Description  CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V2GRGZR Datasheet(HTML) 33 Page - Texas Instruments

Back Button CDCM6208V2GRGZR Datasheet HTML 29Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 30Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 31Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 32Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 33Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 34Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 35Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 36Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
33
CDCM6208V2G
www.ti.com
SNAS682 – MARCH 2016
Product Folder Links: CDCM6208V2G
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
10.4.2 Loop Filter Recommendations for Pin Modes
The following two tables provide the internal charge pump and R3/C3 settings for pin modes. The designer can
either design their own optimized loop filter, or use the suggested loop filter in the Table 5.
Table 5. CDCM6208V2G Loop Filter Recommendation for Pin Mode
Use Case
PRI_REF
SEC_REF
f(PFD)
(MHz)
ICP
(mA)
Recommended
External LPF
Components
C1 / R2 / C2
Internal LPF
Components
Freq
(MHz)
Type
Freq
(MHz)
Type
R3
(Ω)
C3
(pF)
00
I/O
SPI
Default
25
LVCMOS
25
LVCMOS
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
01
I/O
I2C
Default
25
LVCMOS
25
LVCMOS
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
11
RESERVED
10
0x00
1-V2G
25
LVCMOS
25
LVCMOS
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x01
2-V2G
25
LVCMOS
25
LVCMOS
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x02
3-V2G
25
LVCMOS
25
LVCMOS
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x03
4-V2G
25
LVCMOS
25
LVCMOS
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x04
5-V2G
25
LVCMOS
25
LVCMOS
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x05
6-V2G
25
LVCMOS
25
LVCMOS
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x06
7-V2G
25
LVCMOS
25
LVCMOS
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x07
8-V2G
25
LVCMOS
25
LVCMOS
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x08
9-V2G
25
LVCMOS
25
LVCMOS
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x09
10-V2G
25
LVCMOS
25
LVCMOS
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x0A
11-V2G
25
LVCMOS
25
LVCMOS
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x0B
12-V2G
X
Disable
25
Crystal
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x0C
13-V2G
X
Disable
25
Crystal
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x0D
14-V2G
X
Disable
25
Crystal
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x0E
15-V2G
X
Disable
25
Crystal
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x0F
16-V2G
X
Disable
25
Crystal
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x10
17-V2G
X
Disable
25
Crystal
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x11
18-V2G
X
Disable
25
Crystal
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x12
19-V2G
X
Disable
25
Crystal
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x13
20-V2G
X
Disable
25
Crystal
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x14
21-V2G
X
Disable
25
Crystal
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x15
22-V2G
X
Disable
25
Crystal
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x16
23-V2G
X
Disable
25
Crystal
MAN-
SEC
25
2.5
200pF / 400Ω / 22nF
100
242.5
10
0x17
24-V2G
25
LVCMOS
25
Crystal
MAN-
SEC
6.25
4m
22pF / 860Ω / 22nF
100
242.5


Similar Part No. - CDCM6208V2GRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V2RGZR TI-CDCM6208V2RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2RGZR TI1-CDCM6208V2RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2RGZT TI-CDCM6208V2RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2RGZT TI1-CDCM6208V2RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V2GRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com