Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V2G Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V2G
Description  CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V2G Datasheet(HTML) 71 Page - Texas Instruments

Back Button CDCM6208V2G Datasheet HTML 67Page - Texas Instruments CDCM6208V2G Datasheet HTML 68Page - Texas Instruments CDCM6208V2G Datasheet HTML 69Page - Texas Instruments CDCM6208V2G Datasheet HTML 70Page - Texas Instruments CDCM6208V2G Datasheet HTML 71Page - Texas Instruments CDCM6208V2G Datasheet HTML 72Page - Texas Instruments CDCM6208V2G Datasheet HTML 73Page - Texas Instruments CDCM6208V2G Datasheet HTML 74Page - Texas Instruments CDCM6208V2G Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
A
Ref
-14.1 dBm
Att
5 dB
*
*
*
*
1 RM
CLRWR
RBW 30 kHz
VBW 300 kHz
SWT 1 s
NOR
*
Center
245.76 MHz
Span
25.5 MHz
2.55 MHz/
PRN
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
Tx Channel
W-CDMA 3GPP FWD
Bandwidth
3.84 MHz
Power
-9.39 dBm
Adjacent Channel
Bandwidth
3.84 MHz
Lower
-72.81 dB
Spacing
5 MHz
Upper
-72.40 dB
Alternate Channel
Bandwidth
3.84 MHz
Lower
-77.79 dB
Spacing
10 MHz
Upper
-78.31 dB
A
Ref
-14.1 dBm
Att
5 dB
*
*
*
*
1 RM
CLRWR
RBW 30 kHz
VBW 300 kHz
SWT 1 s
NOR
*
Center
245.76 MHz
Span
25.5 MHz
2.55 MHz/
PRN
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
Tx Channel
W-CDMA 3GPP FWD
Bandwidth
3.84 MHz
Power
-9.40 dBm
Adjacent Channel
Bandwidth
3.84 MHz
Lower
-73.12 dB
Spacing
5 MHz
Upper
-73.06 dB
Alternate Channel
Bandwidth
3.84 MHz
Lower
-79.22 dB
Spacing
10 MHz
Upper
-79.19 dB
245.76MHz DAC
driven from ³LGHDO VRXUFH´
(Wenzel oscillator buffered by HP8133A)
245.76MHz DAC
driven from CDCM6208
(no performance degradation observed)
71
CDCM6208V2G
www.ti.com
SNAS682 – MARCH 2016
Product Folder Links: CDCM6208V2G
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Observation: up to an IF = 100 MHz, The ADC performance when driven by the CDCM6208V2G (Figure 52) is
similar to when the ADC is driven by an expensive lab signal generator with additional passive source filtering
(Figure 51).
Conclusion Therefore, the CDCM6208V2G is usable for applications up to 100 MHz IF. For IF above 100 MHz,
the SNR starts degrading in our experiments. Measurements were conducted with ADC connected to Y0 and
other outputs running at different integer frequencies.
Important note on crosstalk: it is highly recommended that both pre-dividers are configured identically, as
otherwise SFDR and SNR suffer due to crosstalk between the two pre-divider frequencies.
Figure 53. DAC Driven by Lab Source and CDCM6208V2G in Comparison (Performance Identical)
Observation/Conclusion: The DAC performance was not degraded at all by the CDCM6208V2G compared to
driving the DAC with a perfect lab source. Therefore, the CDCM6208V2G provides sufficient low noise to drive a
245.76 MHz DAC.


Similar Part No. - CDCM6208V2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V2RGZR TI-CDCM6208V2RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2RGZR TI1-CDCM6208V2RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2RGZT TI-CDCM6208V2RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2RGZT TI1-CDCM6208V2RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com