Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR401ANJYT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS125BR401ANJYT
Description  Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125BR401ANJYT Datasheet(HTML) 5 Page - Texas Instruments

  DS125BR401ANJYT Datasheet HTML 1Page - Texas Instruments DS125BR401ANJYT Datasheet HTML 2Page - Texas Instruments DS125BR401ANJYT Datasheet HTML 3Page - Texas Instruments DS125BR401ANJYT Datasheet HTML 4Page - Texas Instruments DS125BR401ANJYT Datasheet HTML 5Page - Texas Instruments DS125BR401ANJYT Datasheet HTML 6Page - Texas Instruments DS125BR401ANJYT Datasheet HTML 7Page - Texas Instruments DS125BR401ANJYT Datasheet HTML 8Page - Texas Instruments DS125BR401ANJYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
DS125BR401A
www.ti.com
SNLS466A – SEPTEMBER 2013 – REVISED MARCH 2014
Terminal Functions(1) (continued)
TERMINAL
TERMINAL NAME
I/O, TYPE
TERMINAL DESCRIPTION
NUMBER
DEMA0, DEMA1
49, 50
I, 4-LEVEL,
DEMA[1:0] controls the CHA output amplitude. The Terminals are
LVCMOS
defined as DEMA[1:0] only when ENSMB is de-asserted (low). Each of
the 4 A channels have the same level unless controlled by the SMBus
control registers. When ENSMB goes high the SMBus registers provide
independent control of each lane and the DEMA[1:0] Terminals are
converted to SCL and SDA. See Table 7.
SD_TH
26
I, 4-LEVEL,
Controls the internal Signal Detect Threshold on the INB-OUTB
LVCMOS
Channels. For CHB, the signal detect is used to bring the output into and
out of IDLE. This allows the OOB signaling to pass with minimal
distortion.
See Table 3.
CONTROL TERMINALS — BOTH TERMINAL AND SMBus MODES (LVCMOS)
RXDET
22
I, 4-LEVEL,
The RXDET Terminal controls the receiver detect function. Depending on
LVCMOS
the input level, a 50
Ω or >50KΩ termination to the power rail is enabled.
In SAS/SATA system RXDET should be set to a Logic "1" state to keep
the termination always enabled.
See Table 2.
RES
23
I, 4-LEVEL,
Reserved:
LVCMOS
This input must be left Floating.
VDD_SEL
25
I, FLOAT
Controls the internal regulator
Float = 2.5V mode
Tie GND = 3.3V mode
PWDN
52
I, LVCMOS
Tie High = Low power - power down
Tie GND = Normal Operation
See Table 2.
ALL_DONE
27
O, LVCMOS
Valid Register Load Status Output
HIGH = External EEPROM load failed or incomplete
LOW = External EEPROM load passed
POWER
VIN
24
Power
In 3.3V mode, feed 3.3V to VIN
In 2.5V mode, leave floating.
VDD
9, 14,36, 41, 51
Power
Power supply Terminals CML/analog
2.5V mode, connect to 2.5V
3.3V mode, connect 0.1 µF cap to each VDD Terminal and GND
GND
DAP
Power
Ground pad (DAP - die attach pad).
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS125BR401A


Similar Part No. - DS125BR401ANJYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR401 TI-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ/NOPB TI1-DS125BR401SQ/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQE TI-DS125BR401SQE Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
More results

Similar Description - DS125BR401ANJYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
[Old version datasheet]   Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR111SQE TI-DS125BR111SQE Datasheet
63Kb / 5P
[Old version datasheet]   DS125BR111 Low Power 12.5 Gbps 1-Lane Repeater with Input Equalization and Output
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com