Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR401ANJYR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS125BR401ANJYR
Description  Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125BR401ANJYR Datasheet(HTML) 4 Page - Texas Instruments

  DS125BR401ANJYR Datasheet HTML 1Page - Texas Instruments DS125BR401ANJYR Datasheet HTML 2Page - Texas Instruments DS125BR401ANJYR Datasheet HTML 3Page - Texas Instruments DS125BR401ANJYR Datasheet HTML 4Page - Texas Instruments DS125BR401ANJYR Datasheet HTML 5Page - Texas Instruments DS125BR401ANJYR Datasheet HTML 6Page - Texas Instruments DS125BR401ANJYR Datasheet HTML 7Page - Texas Instruments DS125BR401ANJYR Datasheet HTML 8Page - Texas Instruments DS125BR401ANJYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
DS125BR401A
SNLS466A – SEPTEMBER 2013 – REVISED MARCH 2014
www.ti.com
Terminal Functions(1)
TERMINAL
TERMINAL NAME
I/O, TYPE
TERMINAL DESCRIPTION
NUMBER
DIFFERENTIAL HIGH SPEED I/O
INB_0+, INB_0- ,
45, 44, 43, 42
I
Inverting and non-inverting CML differential inputs to the equalizer. On-
INB_1+, INB_1-,
40, 39, 38, 37
chip 50
Ω termination resistor connects INB_n+ to VDD and INB_n- to
INB_2+, INB_2-,
VDD when enabled.
INB_3+, INB_3-
AC coupling required on high-speed I/O
OUTB_0+, OUTB_0-,
1, 2, 3, 4
O
Inverting and non-inverting 50
Ω driver outputs with de-emphasis.
OUTB_1+, OUTB_1-,
5, 6, 7, 8
Compatible with AC coupled CML inputs.
OUTB_2+, OUTB_2-,
AC coupling required on high-speed I/O
OUTB_3+, OUTB_3-
INA_0+, INA_0- ,
10, 11, 12, 13
I
Inverting and non-inverting CML differential inputs to the equalizer. On-
INA_1+, INA_1-,
15, 16, 17, 18
chip 50
Ω termination resistor connects INA_n+ to VDD and INA_n- to
INA_2+, INA_2-,
VDD when enabled.
INA_3+, INA_3-
AC coupling required on high-speed I/O
OUTA_0+, OUTA_0-,
35, 34, 33, 32
O
Inverting and non-inverting 50
Ω driver outputs. Compatible with AC
OUTA_1+, OUTA_1-,
31, 30, 29, 28
coupled CML inputs.
OUTA_2+, OUTA_2-,
AC coupling required on high-speed I/O
OUTA_3+, OUTA_3-
CONTROL TERMINALS — SHARED (LVCMOS)
ENSMB
48
I, LVCMOS
System Management Bus (SMBus) enable Terminal
Tie 1k
Ω to VDD = Register Access SMBus Slave mode
FLOAT = Read External EEPROM (Master SMBUS Mode)
Tie 1k
Ω to GND = Terminal Mode
ENSMB = 1 (SMBus MODE)
SCL
50
I, LVCMOS,
ENSMB Master or Slave mode
O, OPEN Drain
SMBus clock input Terminal is enabled (slave mode).
Clock output when loading EEPROM configuration (master mode).
SDA
49
I, LVCMOS,
ENSMB Master or Slave mode
O, OPEN Drain
The SMBus bidirectional SDA Terminal is enabled. Data input or open
drain (pull-down only) output.
AD0-AD3
54, 53, 47, 46
I, LVCMOS
ENSMB Master or Slave mode
SMBus Slave Address Inputs. In SMBus mode, these Terminals are the
user set SMBus slave address inputs.
READ_EN
26
I, LVCMOS
When using an External EEPROM, a logic low on this terminal starts the
load from the external EEPROM
ENSMB = 0 (TERMINAL MODE)
EQA0, EQA1
20, 19
I, 4-LEVEL,
EQA[1:0] and EQB[1:0] control the level of equalization of the A/B
EQB0, EQB1
46, 47
LVCMOS
directions. The Terminals are defined as EQx[1:0] only when ENSMB is
de-asserted (low). Each of the 4 A/B channels have the same level
unless controlled by the SMBus control registers. When ENSMB goes
high the SMBus registers provide independent control of each lane. The
EQB[1:0] Terminals are converted to SMBus AD2, AD3 inputs. See
Table 5.
DEMB0, DEMB1
53, 54
I, 4-LEVEL,
DEMB[1:0] controls the level of de-emphasis of CHB outputs. The
LVCMOS
Terminals are defined as DEMB[1:0] only when ENSMB is de-asserted
(low). Each of the 4 B channels have the same level unless controlled by
the SMBus control registers. When ENSMB goes high the SMBus
registers provide independent control of each lane. The DEMB[1:0]
Terminals are converted to AD0, AD1 inputs. See Table 7.
MODE_B
21
I, 4-LEVEL,
MODE_B control Terminal selects operating modes for the INB-OUTB
LVCMOS
Channels.
Tie 1k
Ω to GND = GEN 1,2 and SAS 1,2
Float = Auto Mode Select (for PCIe)
Tie 20k
Ω to GND = SAS-3 and GEN-3 without De-emphasis
Tie 1k
Ω to VDD = SAS-3 and GEN-3 with De-emphasis
See Table 4.
(1)
LVCMOS inputs without the “Float” conditions must be driven to a logic low or high at all times or operation is not ensured.
Input edge rate for LVCMOS/FLOAT inputs must be faster than 50 ns from 10–90%.
For 3.3V mode operation, VIN Terminal input = 3.3V and the logic "1" reference for the 4-level input is 3.3V.
For 2.5V mode operation, VDD Terminal output= 2.5V and the logic "1" reference for the 4-level input is 2.5V.
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: DS125BR401A


Similar Part No. - DS125BR401ANJYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR401 TI-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ/NOPB TI1-DS125BR401SQ/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQE TI-DS125BR401SQE Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
More results

Similar Description - DS125BR401ANJYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
[Old version datasheet]   Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR111SQE TI-DS125BR111SQE Datasheet
63Kb / 5P
[Old version datasheet]   DS125BR111 Low Power 12.5 Gbps 1-Lane Repeater with Input Equalization and Output
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com