Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR401ANJY Datasheet(PDF) 8 Page - Texas Instruments

Part # DS125BR401ANJY
Description  Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125BR401ANJY Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS125BR401ANJY Datasheet HTML 4Page - Texas Instruments DS125BR401ANJY Datasheet HTML 5Page - Texas Instruments DS125BR401ANJY Datasheet HTML 6Page - Texas Instruments DS125BR401ANJY Datasheet HTML 7Page - Texas Instruments DS125BR401ANJY Datasheet HTML 8Page - Texas Instruments DS125BR401ANJY Datasheet HTML 9Page - Texas Instruments DS125BR401ANJY Datasheet HTML 10Page - Texas Instruments DS125BR401ANJY Datasheet HTML 11Page - Texas Instruments DS125BR401ANJY Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
DS125BR401A
SNLS466A – SEPTEMBER 2013 – REVISED MARCH 2014
www.ti.com
Electrical Characteristics (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTX-CM-DC-LINE-
Absolute delta of DC common mode
25
mV
DELTA
voltage between TX+ and TX-
HIGH SPEED OUTPUTS (A-CHANNELS)
VTXA-diff1-pp
Differential measurement with
OUTA_n+ and OUTA_n-,
AC-Coupled and terminated by
Output Voltage Differential Swing
50
Ω to GND,
375
465
600
mVp-p
Inputs AC-Coupled,
VID = 600 mVp-p
VOD = 001'b (800mV)
VTXA-diff2-pp
Differential measurement with
OUTA_n+ and OUTA_n-,
AC-Coupled and terminated by
Output Voltage Differential Swing
50
Ω to GND,
550
675
825
mVp-p
Inputs AC-Coupled,
VID = 1000 mVp-p
VOD = 001'b (800mV)
VTXA-diff3-pp
Differential measurement with
OUTA_n+ and OUTA_n-,
AC-Coupled and terminated by
Output Voltage Differential Swing
50
Ω to GND,
475
600
750
Vp-p
Inputs AC-Coupled,
VID = 600 mVp-p
DEMA[1:0] = 10, VOD = 1300mV
VTXA-diff4-pp
Differential measurement with
OUTA_n+ and OUTA_n-,
AC-Coupled and terminated by
Output Voltage Differential Swing
50
Ω to GND,
775
915
1125
Vp-p
Inputs AC-Coupled,
VID = 1000 mVp-p
VOD = 110'b (1300mV)
TTXA-IDLE-DATA
Time to transition to valid differential
VID = 1.0 Vp-p, 3 Gbps
0.04
ns
signal after idle
TTXA-DATA-IDLE
Time to transition to idle after
VID = 1.0 Vp-p, 3 Gbps
0.70
ns
differential signal
TPDEQA
Differential propagation delay -
EQ = Level 1 to Level 4
80
ps
Channel A
HIGH SPEED OUTPUTS (B-CHANNELS)
VTXB-diff1-pp
Differential measurement with
OUTB_n+ and OUTB_n-,
AC-Coupled and terminated by
Output Voltage Differential Swing
50
Ω to GND,
0.8
1.0
1.2
Vp-p
Inputs AC-Coupled,
VID = 1.0 Vp-p, MODE_B = 1
DEMB1 = 0, DEMB0 = 1(2)
VTXB-diff2-pp
Differential measurement with
OUTB_n+ and OUTB_n-,
AC-Coupled and terminated by
Output Voltage Differential Swing
50
Ω to GND,
670
820
930
mVp-p
Inputs AC-Coupled,
VID = 1.0 Vp-p, MODE_B = 0
DEMB1 = 0, DEMB0 = R
VTXB-diff3-pp
Differential measurement with
OUTB_n+ and OUTB_n-,
AC-Coupled and terminated by
Output Voltage Differential Swing
50
Ω to GND,
950
1140
1250
mVp-p
Inputs AC-Coupled,
VID = 1.0 Vp-p, MODE_B = 0
DEMB1 = R, DEMB0 = FLOAT
(2)
In SAS-3 and PCIe GEN3 mode, the output VOD level is not fixed. It will be adjusted automatically based on the VID input amplitude
level. The output VOD level set by DEMA/B[1:0] in this mode BOUTn is dependent on the VID level and the frequency content. The
DS125BR401A repeater is designed to be transparent in this mode, so the TX-FIR (de-emphasis) is passed to the RX to support the
handshake negotiation link training.
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: DS125BR401A


Similar Part No. - DS125BR401ANJY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR401 TI-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ/NOPB TI1-DS125BR401SQ/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQE TI-DS125BR401SQE Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
More results

Similar Description - DS125BR401ANJY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
[Old version datasheet]   Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR111SQE TI-DS125BR111SQE Datasheet
63Kb / 5P
[Old version datasheet]   DS125BR111 Low Power 12.5 Gbps 1-Lane Repeater with Input Equalization and Output
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com