Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS110RT410SQ/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS110RT410SQ/NOPB
Description  Low Power Multi-Rate Quad Channel Retimer
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS110RT410SQ/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS110RT410SQ/NOPB Datasheet HTML 2Page - Texas Instruments DS110RT410SQ/NOPB Datasheet HTML 3Page - Texas Instruments DS110RT410SQ/NOPB Datasheet HTML 4Page - Texas Instruments DS110RT410SQ/NOPB Datasheet HTML 5Page - Texas Instruments DS110RT410SQ/NOPB Datasheet HTML 6Page - Texas Instruments DS110RT410SQ/NOPB Datasheet HTML 7Page - Texas Instruments DS110RT410SQ/NOPB Datasheet HTML 8Page - Texas Instruments DS110RT410SQ/NOPB Datasheet HTML 9Page - Texas Instruments DS110RT410SQ/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
DS110DF410
SNLS397D – OCTOBER 2011 – REVISED APRIL 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
–0.5
2.75
V
LVCMOS and Analog
2.5 I/O voltage
–0.5
2.75
V
SDA, SDC, INT
3.3 LVCMOS I/O voltage
–0.5
4.0
V
RXPn, RXNn
Signal input voltage
–0.5
2.75
V
TXPn, TXNn
Signal output voltage
–0.5
2.75
V
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±6000
Electrostatic
V(ESD)
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±1250
V
discharge
Machine model (MM), STD - JESD22-A115-A
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply Voltage (VDD to GND)
2.375
2.5
2.625
V
Ambient Temperature
-40
25
+85
°C
7.4 Thermal Information
DS110DF410
THERMAL METRIC(1)
WQFN
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
26.1
RθJC(top)
Junction-to-case (top) thermal resistance
RθJB
Junction-to-board thermal resistance
°C/W
ψJT
Junction-to-top characterization parameter
ψJB
Junction-to-board characterization parameter
RθJC(bot)
Junction-to-case (bottom) thermal resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DS110DF410


Similar Part No. - DS110RT410SQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS110RT410SQ/NOPB TI-DS110RT410SQ/NOPB Datasheet
882Kb / 40P
[Old version datasheet]   DS110RT410 Low Power Multi-Rate Quad Channel Retimer
More results

Similar Description - DS110RT410SQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110RT410 TI1-DS110RT410_15 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410_14 Datasheet
905Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI1-DS125RT410_15 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS110RT410 TI-DS110RT410 Datasheet
882Kb / 40P
[Old version datasheet]   DS110RT410 Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI-DS125RT410 Datasheet
884Kb / 42P
[Old version datasheet]   DS125RT410 Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI-DS125DF410_13 Datasheet
905Kb / 44P
[Old version datasheet]   DS125DF410 Low Power Multi-Rate Quad Channel Retimer
DS110DF111 TI1-DS110DF111_14 Datasheet
868Kb / 38P
[Old version datasheet]   Low Power Multi-Rate Two Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com