Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR401 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DS125BR401
Description  Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125BR401 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DS125BR401 Datasheet HTML 20Page - Texas Instruments DS125BR401 Datasheet HTML 21Page - Texas Instruments DS125BR401 Datasheet HTML 22Page - Texas Instruments DS125BR401 Datasheet HTML 23Page - Texas Instruments DS125BR401 Datasheet HTML 24Page - Texas Instruments DS125BR401 Datasheet HTML 25Page - Texas Instruments DS125BR401 Datasheet HTML 26Page - Texas Instruments DS125BR401 Datasheet HTML 27Page - Texas Instruments DS125BR401 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
DS125BR401
SNLS419D – JULY 2012 – REVISED MAY 2015
www.ti.com
9.5.3 System Management Bus (SMBus) and Configuration Registers
The System Management Bus interface is compatible to SMBus 2.0 physical layer specification. ENSMB = 1 k
Ω
to VDD to enable SMBus slave mode and allow access to the configuration registers.
The DS125BR401 has the AD[3:0] inputs in SMBus mode. These pins are the user set SMBUS slave address
inputs. The AD[3:0] pins have internal pulldown. When left floating or pulled low the AD[3:0] = 0000'b, the device
default address byte is 0xB0. Based on the SMBus 2.0 specification, the DS125BR401 has a 7-bit slave address.
The LSB is set to 0'b (for a WRITE). The device supports up to 16 address byte, which can be set with the
AD[3:0] inputs. Table 9 shows the 16 addresses.
Table 9. Device Slave Address Bytes
AD[3:0] Settings
Address Bytes (HEX)
0000
B0
0001
B2
0010
B4
0011
B6
0100
B8
0101
BA
0110
BC
0111
BE
1000
C0
1001
C2
1010
C4
1011
C6
1100
C8
1101
CA
1110
CC
1111
CE
The SDA, SCL pins are 3.3-V tolerant, but are not 5-V tolerant. External pullup resistor is required on the SDA.
The resistor value can be from 1 k
Ω to 5 kΩ depending on the voltage, loading and speed. The SCL may also
require an external pullup resistor and it depends on the Host that drives the bus.
9.5.3.1 Transfer of Data Through the SMBus
During normal operation the data on SDA must be stable during the time when SCL is High.
There are three unique states for the SMBus:
START: A High-to-Low transition on SDA while SCL is High indicates a message START condition.
STOP: A Low-to-High transition on SDA while SCL is High indicates a message STOP condition.
IDLE: If SCL and SDA are both High for a time exceeding tBUF from the last detected STOP condition or if they
are High for a total exceeding the maximum specification for tHIGH then the bus will transfer to the IDLE state.
9.5.3.2 SMBus Transactions
The device supports WRITE and READ transactions. See Table 10 for register address, type (Read/Write, Read
Only), default value and function information.
9.5.3.3 Writing a Register
To write a register, the following protocol is used (see SMBus 2.0 specification).
1. The Host drives a START condition, the 7-bit SMBus address, and a “0” indicating a WRITE.
2. The Device (Slave) drives the ACK bit (“0”).
3. The Host drives the 8-bit Register Address.
4. The Device drives an ACK bit (“0”).
24
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: DS125BR401


Similar Part No. - DS125BR401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR401 TI-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS125BR401ANJY TI1-DS125BR401ANJY Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS125BR401ANJYR TI1-DS125BR401ANJYR Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS125BR401ANJYT TI1-DS125BR401ANJYT Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
More results

Similar Description - DS125BR401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111_14 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeater with Input Equalization and Output De-Emphasis
DS125BR111SQE TI-DS125BR111SQE Datasheet
63Kb / 5P
[Old version datasheet]   DS125BR111 Low Power 12.5 Gbps 1-Lane Repeater with Input Equalization and Output
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com