Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS100MB201 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS100MB201
Description  Dual Lane 2:1/1:2 Mux/Buffer with Equalization
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100MB201 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS100MB201 Datasheet HTML 2Page - Texas Instruments DS100MB201 Datasheet HTML 3Page - Texas Instruments DS100MB201 Datasheet HTML 4Page - Texas Instruments DS100MB201 Datasheet HTML 5Page - Texas Instruments DS100MB201 Datasheet HTML 6Page - Texas Instruments DS100MB201 Datasheet HTML 7Page - Texas Instruments DS100MB201 Datasheet HTML 8Page - Texas Instruments DS100MB201 Datasheet HTML 9Page - Texas Instruments DS100MB201 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DS100MB201
SNLS333A – APRIL 2011 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1) (continued)
Over recommended operating supply and temperature ranges with default register settings unless other specified.
Parameter
Test Conditions
Min
Typ
Max
Units
DIFFERENTIAL OUTPUTS (OUT_n+, OUT_n-)
VOD
Output Differential Voltage Swing
RL = 50 Ω ±1% to GND (AC coupled with
10 nF), 6.4 Gbps, See(5)
500
600
700
mVP-P
VOD1–0 = 00
VOCM
Output Common-Mode Voltage
Single-ended measurement DC-Coupled
VDD
with 50
Ω termination,
V
1.4
See(6)
TTX-RF
Transmitter Rise/ Fall Time
20% to 80% of differential output voltage,
measured within 1” from output pins,
65
85
ps
See(6)(5) and Figure 2
TRF-DELTA
Tx rise/fall mismatch
20% to 80% of differential output voltage,
0.1
UI
See(6)(5)
RLTX-DIFF
Tx Differential Return Loss
Repeating 1100b (D24.3) pattern,
(SDD22),
VOD = 0.8 Vp-p,
-11
See(6)
150 MHz – 1.5 GHz
dB
1.5 GHz – 3.0 GHz
-10
3 GHz – 6.0 GHz
-5
RLTX-CM
Tx Common Mode Return Loss
Repeating 1100b (D24.3) pattern,
(SCC22)
VOD = 0.8 Vp-p, See(6)
-10
dB
50 MHz – 3.0 GHz
RTX-IB
Tx Impedance Balance
Repeating 1100b (D24.3) pattern,
(SCL22)
VOD = 0.8 Vp-p, See(6)
-30
dB
50 MHz – 3.0 GHz
ITX-SHORT
Tx Output Short Circuit Current
90
mA
Limit
ROTD
Output Differential Impedance
See(6)
85
100
125
between OUT+ and OUT-
ROTIB
Output Differential Impedance
See(6)
5
Imbalance
ROCM
Output Common Mode Impedance
See(6)
20
25
35
VTX-CM-DELTA
Common Mode Voltage Delta
Minimum Temperature for OOB signal
between active burst and electrical
pass-through is -10C.
±40
mV
Idle of an OOB signal
VIN = 800 mVp-p, at 3 Gbps,
See(7)
TPD
Differential Propagation Delay (Low
Propagation delay measure at midpoint
to High and High to Low Edge
crossing between input to outputEQx[1:0]
150
200
250
ps
= 11 Figure 3
EQz[1:0] = OFF
120
170
220
ps
TLSK
Lane to Lane Skew in a Single Part
VDD = 2.5V, TA = 25°C
27
ps
TPPSK
Part to Part Propagation Delay
VDD = 2.5V, TA = 25°C
35
ps
Skew
TSM
Switch/Mux Time
Time to switch/mux between A and B
150
ns
input/output signals
(5)
Measured with clock-like {11111 00000} pattern.
(6)
Typical values represent most likely parametric norms at VDD = 2.5V, TA = 25°C., and at the Recommended Operation Conditions at the
time of product characterization and are not guaranteed.
(7)
Common-mode voltage (VCM) is expressed mathematically as the average of the two signal voltages with respect to local ground.VCM
= (A + B) / 2, A = OUT+, B = OUT-.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: DS100MB201


Similar Part No. - DS100MB201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201SQ TI1-DS100MB201SQ Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201SQE TI1-DS100MB201SQE Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
More results

Similar Description - DS100MB201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS64MB201 TI1-DS64MB201 Datasheet
1Mb / 28P
[Old version datasheet]   DS64MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB203 TI1-DS100MB203 Datasheet
430Kb / 33P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
DS125MB203SQ TI1-DS125MB203SQ Datasheet
1Mb / 48P
[Old version datasheet]   Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer With Equalization and De-Emphasis
DS125MB203 TI1-DS125MB203_15 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer
logo
Diodes Incorporated
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
   3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com