Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5253BRU100 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5253BRU100
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253BRU100 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5253BRU100 Datasheet HTML 5Page - Analog Devices AD5253BRU100 Datasheet HTML 6Page - Analog Devices AD5253BRU100 Datasheet HTML 7Page - Analog Devices AD5253BRU100 Datasheet HTML 8Page - Analog Devices AD5253BRU100 Datasheet HTML 9Page - Analog Devices AD5253BRU100 Datasheet HTML 10Page - Analog Devices AD5253BRU100 Datasheet HTML 11Page - Analog Devices AD5253BRU100 Datasheet HTML 12Page - Analog Devices AD5253BRU100 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 9 of 28
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
AD5253/
AD5254
TOP VIEW
(Not to Scale)
W0
1
B0
2
A0
3
AD0
4
5
W1
1
B1
2
A1
3
SDA
4
VSS 5
VDD
W3
B3
A3
AD1
10
9
8
7
6
DGND
SCL
W2
B2
A2
10
9
8
7
6
WP
Figure 2. AD5253/AD5254 Pin Configuration
Table 5. AD5253/AD5254 Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
W0
Wiper Terminal of RDAC0. VSS ≤ VW0 ≤ VDD.
2
B0
B Terminal of RDAC0. VSS ≤ VB0 ≤ VDD.
3
A0
A Terminal of RDAC0. VSS ≤ VA0 ≤ VDD.
4
AD0
I2C Device Address 0. AD0 and AD1 allow four AD5253/AD5254s to be addressed.
5
WP
Write Protect, Active Low. VWP ≤ VDD + 0.3 V.
6
W1
Wiper Terminal of RDAC1. VSS ≤ VW1 ≤ VDD.
7
B1
B Terminal of RDAC1. VSS ≤ VB1 ≤ VDD.
8
A1
A Terminal of RDAC1. VSS ≤ VA1 ≤ VDD.
9
SDA
Serial Data Input/Output Pin. Shifts in one bit at a time on positive clock CLK edges. MSB loaded first. Open-drain
MOSFET requires pull-up resistor.
10
VSS
Negative Supply. Connect to 0 V for single supply or –2.7 V for dual supply, where VDD – VSS ≤ +5.5 V. If VSS is used,
rather than grounded, in dual supply, VSS must be able to sink 35 mA for 26 ms when storing data to EEMEM.
11
A2
A Terminal of RDAC2. VSS ≤ VA2 ≤ VDD.
12
B2
B Terminal of RDAC2. VSS ≤ VB2 ≤ VDD.
13
W2
Wiper Terminal of RDAC2. VSS ≤ VW2 ≤ VDD.
14
SCL
Serial Input Register Clock Pin. Shifts in one bit at a time on positive clock edges. VSCL ≤ (VDD + 0.3 V). Pull-up resistor
is recommended for SCL to ensure minimum power.
15
DGND
Digital Ground. Connect to system analog ground at a single point.
16
AD1
I2C Device Address 1. AD0 and AD1 allow four AD5253/AD5254s to be addressed.
17
A3
A Terminal of RDAC3. VSS ≤ VA3 ≤ VDD.
18
B3
B Terminal of RDAC3. VSS ≤ VB3 ≤ VDD.
19
W3
W Terminal of RDAC3. VSS ≤ VW3 ≤ VDD.
20
VDD
Positive Power Supply Pin. Connect +2.7 V to +5 V for single supply or ±2.7 V for dual supply, where VDD – VSS ≤ 5.5 V.
VDD must be able to source 35 mA for 26 ms when storing data to EEMEM.


Similar Part No. - AD5253BRU100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5253BRU100 AD-AD5253BRU100 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253BRU100 AD-AD5253BRU100 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253BRU100-RL7 AD-AD5253BRU100-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253BRU100-RL7 AD-AD5253BRU100-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
More results

Similar Description - AD5253BRU100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com