Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS100BR210 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS100BR210
Description  Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100BR210 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS100BR210 Datasheet HTML 3Page - Texas Instruments DS100BR210 Datasheet HTML 4Page - Texas Instruments DS100BR210 Datasheet HTML 5Page - Texas Instruments DS100BR210 Datasheet HTML 6Page - Texas Instruments DS100BR210 Datasheet HTML 7Page - Texas Instruments DS100BR210 Datasheet HTML 8Page - Texas Instruments DS100BR210 Datasheet HTML 9Page - Texas Instruments DS100BR210 Datasheet HTML 10Page - Texas Instruments DS100BR210 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
DS100BR210
www.ti.com
SNLS348E – OCTOBER 2011 – REVISED JANUARY 2015
7.5 Electrical Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY CURRENT
TX_DIS = Low, EQ = ON
50
63
VOD_SEL = Float (1000 mVpp)
Auto Low Power Mode
IDD
Supply Current
TX_DIS = Low, MODE = 20 k
Ω
mA
12
15
VID CHA and CHB = 0.0 V
VOD_SEL = Float (1000 mVpp)
TX_DIS = High
25
35
LVCMOS DC SPECIFICATIONS
High Level Input Voltage,
VIH25
2.5 V Supply Mode
2.0
VDD
V
2-Level LVCMOS
High Level Input Voltage,
VIH33
3.3 V Supply Mode
2.0
VIN
V
2-Level LVCMOS
Low Level Input Voltage,
VIL
GND
0.7
V
2-Level LVCMOS
VOH
High Level Output Voltage
IOH = -4.0 mA
(1)
2.0
V
VOL
Low Level Output Voltage
IOL = 4.0 mA
0.4
V
Vinput = 0 V or VDD
-15
+15
VDD_SEL = Float
IIN
Input Leakage Current
µA
Vinput = 0 V or VIN
-15
+15
VDD_SEL = Low
Vinput = 0 V or VDD - 0.05 V
Input Leakage Current
VDD_SEL = Float
IIN-P
-160
+80
µA
4-Level Input (2)
Vinput = 0 V or VIN - 0.05 V
VDD_SEL = Low
CML RECEIVER INPUTS
Source Transmit Launch
Default power-up conditions
VTX
190
800
1600
mVp-p
Differential Signal Level
ENSMB = 0 or 1
SDD11 @ 4.1 GHz
-12
RLRX-IN
RX return loss
SDD11 @ 11.1 GHz
-8
dB
SCD11 @ 11.1 GHz
-10
HIGH SPEED TRANSMITTER OUTPUTS
OUT+ and OUT- AC coupled and
terminated by 50
Ω to GND
VOD1
Output Voltage Differential Swing
500
650
800
VOD_SEL = Low (700 mVpp setting)
DE = Low
OUT+ and OUT- AC coupled and
terminated by 50
Ω to GND
VOD2
Output Voltage Differential Swing
800
1000
1100
VOD_SEL = Float (1000 mVpp setting)
mVp-p
DE = Low
OUT+ and OUT- AC coupled and
terminated by 50
Ω to GND
VOD3
Output Voltage Differential Swing
VOD_SEL = 20 k
Ω to GND (1200
950
1150
1350
mVpp)
DE = Low
OUT+ and OUT- AC coupled and
terminated by 50
Ω to GND
VOD_DE1
De-Emphasis Levels
-3.5
dB
VOD_SEL = Float (1000 mVpp)
DE = Float
OUT+ and OUT- AC coupled and
terminated by 50
Ω to GND
VOD_DE2
De-Emphasis Levels
-6
dB
VOD_SEL = Float (1000 mVpp)
DE = 20 k
Ω to GND
(1)
VOH only applies to the DONE pin; LOS, SCL, and SDA are open-drain outputs that have no internal pull-up capability. DONE is a full
LVCMOS output with pull-up and pull-down capability.
(2)
Input is held to a maximum of 50 mV below VDD or VIN to simulate the use of a 1 k
Ω resistor on the input.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS100BR210


Similar Part No. - DS100BR210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210SQ TI1-DS100BR210SQ Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210SQE TI1-DS100BR210SQE Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_14 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
More results

Similar Description - DS100BR210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100BR210 TI1-DS100BR210_14 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111_13 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111_14 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeater with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A_14 Datasheet
6Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A_15 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeaters with Input Equalization and Output De-Emphasis
DS64BR111 TI1-DS64BR111 Datasheet
678Kb / 39P
[Old version datasheet]   Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com