Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25CP102Q-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS25CP102Q-Q1
Description  Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25CP102Q-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS25CP102Q-Q1 Datasheet HTML 3Page - Texas Instruments DS25CP102Q-Q1 Datasheet HTML 4Page - Texas Instruments DS25CP102Q-Q1 Datasheet HTML 5Page - Texas Instruments DS25CP102Q-Q1 Datasheet HTML 6Page - Texas Instruments DS25CP102Q-Q1 Datasheet HTML 7Page - Texas Instruments DS25CP102Q-Q1 Datasheet HTML 8Page - Texas Instruments DS25CP102Q-Q1 Datasheet HTML 9Page - Texas Instruments DS25CP102Q-Q1 Datasheet HTML 10Page - Texas Instruments DS25CP102Q-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
50:
Microstrip
L=4"
L=4"
L=4"
L=4"
TEST
CHANNEL
DS25CP102
CHARACTERIZATION BOARD
½ DS25CP102
PATTERN
GENERATOR
OSCILLOSCOPE
50:
Microstrip
50:
Microstrip
50:
Microstrip
TEST
CHANNEL
50: MS
50: MS
50: MS
50: MS
L=4"
L=4"
L=4"
L=4"
TEST
CHANNEL
DS25CP102
CHARACTERIZATION BOARD
½ DS25CP102
PATTERN
GENERATOR
OSCILLOSCOPE
50: MS
50: MS
50: MS
50: MS
L=4"
L=4"
L=4"
L=4"
TEST
CHANNEL
DS25CP102
CHARACTERIZATION BOARD
½ DS25CP102
PATTERN
GENERATOR
OSCILLOSCOPE
50:
Microstrip
L=4"
L=4"
L=4"
L=4"
DS25CP102
CHARACTERIZATION BOARD
½ DS25CP102
PATTERN
GENERATOR
OSCILLOSCOPE
50:
Microstrip
50:
Microstrip
50:
Microstrip
DS25CP102Q
www.ti.com
SNLS293E – MAY 2008 – REVISED APRIL 2013
Pre-Emphasis and Equalization Test Circuits
Figure 5. Jitter Performance Test Circuit
Figure 6. Pre-Emphasis Performance Test Circuit
Figure 7. Equalization Performance Test Circuit
Figure 8. Pre-Emphasis and Equalization Performance Test Circuit
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS25CP102Q


Similar Part No. - DS25CP102Q-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q Datasheet
423Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102Q TI1-DS25CP102Q Datasheet
1Mb / 23P
[Old version datasheet]   DS25CP102Q Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre- Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102QSQ NSC-DS25CP102QSQ Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102QSQ NSC-DS25CP102QSQ Datasheet
423Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS25CP102Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q_09 Datasheet
423Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q TI1-DS25CP102Q_14 Datasheet
1Mb / 23P
[Old version datasheet]   DS25CP102Q Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre- Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102_14 Datasheet
1Mb / 21P
[Old version datasheet]   DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
[Old version datasheet]   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP104 NSC-DS25CP104_07 Datasheet
540Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A NSC-DS25CP104A Datasheet
600Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com