Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS100BR111A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS100BR111A
Description  Ultra Low Power 10.3 Gbps 1-Lane Repeaters with Input Equalization and Output De-Emphasis
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100BR111A Datasheet(HTML) 4 Page - Texas Instruments

  DS100BR111A Datasheet HTML 1Page - Texas Instruments DS100BR111A Datasheet HTML 2Page - Texas Instruments DS100BR111A Datasheet HTML 3Page - Texas Instruments DS100BR111A Datasheet HTML 4Page - Texas Instruments DS100BR111A Datasheet HTML 5Page - Texas Instruments DS100BR111A Datasheet HTML 6Page - Texas Instruments DS100BR111A Datasheet HTML 7Page - Texas Instruments DS100BR111A Datasheet HTML 8Page - Texas Instruments DS100BR111A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
DS100BR111A
SNLS400D – JANUARY 2012 – REVISED JANUARY 2015
www.ti.com
Pin Functions(1) (continued)
PIN
I/O, TYPE
DESCRIPTION
NAME
NUMBER
ENSMB = Float or 1 (SMBus MODES)
I, 2-LEVEL,
Clock output when loading EEPROM configuration, reverting to SMBus clock input
LVCMOS,
when EEPROM load is complete (ALL_DONE = 0).
SCL
5
O, Open
External 2 k
Ω to 5 kΩ pull-up resistor to VDD (2.5 V mode) or VIN (3.3 V mode)
Drain
recommended as per SMBus interface standards(2)
I, 2-LEVEL,
In both SMBus Modes, this pin is the SMBus data I/O. Data input or open drain output.
LVCMOS,
External 2 k
Ω to 5 kΩ pull-up resistor to VDD (2.5 V mode) or VIN (3.3 V mode)
SDA
4
O, Open
recommended as per SMBus interface standards(2)
Drain
ENSMB Master or Slave mode
I, 4-LEVEL,
SMBus Slave Address Inputs. In SMBus mode, these pins are the user set SMBus
AD0-AD3
10, 9, 2, 1
LVCMOS
slave address inputs. There are 16 addresses supported by these pins.
Pins must be tied Low or HIGH when used to define the device SMBus address. (3)
ENSMB = Float: When using SMBus Master Mode, a logic low on this pin starts the
load from the external EEPROM.
I, 2-LEVEL,
READEN
17
ENSMB = 1: When using SMBus Slave Mode, the VOD_SEL/READEN pin must be
LVCMOS
tied Low for the AD[3:0] to be active. If this pin is tied High or left floating, an address
of 0xB0 will be used for the DS100BR111A.
When using an External EEPROM (ENSMB = Float), Valid Register Load Status
O, 2-LEVEL,
Output
DONE
18
LVCMOS
High = External EEPROM load failed or incomplete
Low = External EEPROM load passed
ENSMB = 0 (PIN MODE)
EQA[1:0] and EQB[1:0] control the level of equalization on the input pins. EQA[1:0]
controls the A channel, and EQB[1:0] controls the B channel. The pins are only active
EQA0, EQA1
10, 9
I, 4-LEVEL,
when ENSMB = 0.
EQB0, EQB1
1, 2
LVCMOS
When ENSMB = 1, the SMBus registers provide independent control of each channel,
and the EQB0/B1 pins are converted to SMBus AD2/AD3 inputs.
See Table 3 for additional information.
DEMA and DEMB control the level of de-emphasis for the output driver when in 10G
mode. DEMA controls the A channel, and DEMB controls the B channel. The pins are
I, 4-LEVEL,
only active when ENSMB = 0.
DEMA, DEMB
4, 5
LVCMOS
When ENSMB = 1, the SMBus registers provide independent control of each channel,
and the DEM pins are converted to SMBus SCL and SDA pins.
See Table 4 for additional information.
VOD Select
High = (VOD = 950 mVpp or 1150 mVpp)
I, 4-LEVEL,
Float = (VOD = 850 mVpp)
VOD_SEL
17
LVCMOS
20 k
Ω to GND = (VOD = 1050 mVpp)
1 k
Ω to GND = (VOD = 575 mVpp)
See (3)(4) for additional notes. See Table 2 for additional information.
Controls Device Mode of Operation
High= 10GbE Mode, Continuous Talk (Output Always On)
I, 4-LEVEL,
Float = Slow OOB
MODE
18
LVCMOS
20 k
Ω to GND = eSATA Mode, Fast OOB, Auto Low Power on 100 µs of inactivity. SD
stays active.
1 k
Ω to GND = SAS Mode, Fast OOB
CONTROL PINS — BOTH PIN AND SMBus MODES (LVCMOS)
I, 2-LEVEL,
High = OUTA Enabled, OUTB Disabled
TX_DIS
6
LVCMOS
Low = OUTA and OUTB Enabled
O, Open
Indicates Loss of Signal (Default is LOS on INA). Can be modified via SMBus
LOS
13
Drain
registers.
(2)
SCL and SDA pins can be tied either to 3.3 V or 2.5 V, regardless of whether the device is operating in 2.5 V mode or 3.3 V mode.
(3)
Setting VOD_SEL = High in SMBus Mode will force the SMBus Address = 0xB0
(4)
DS100BR111A OUTA is limited to 575 mVpp in pin mode.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: DS100BR111A


Similar Part No. - DS100BR111A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100BR111A TI1-DS100BR111A Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A Datasheet
6Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111ASQ TI1-DS100BR111ASQ Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111ASQE TI1-DS100BR111ASQE Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A_14 Datasheet
6Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
More results

Similar Description - DS100BR111A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100BR111 TI1-DS100BR111_14 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeater with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A_14 Datasheet
6Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS64BR111 TI1-DS64BR111 Datasheet
678Kb / 39P
[Old version datasheet]   Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_14 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_15 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111_13 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS64BR111 TI1-DS64BR111_13 Datasheet
999Kb / 39P
[Old version datasheet]   DS64BR111 Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com