Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS100BR111 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS100BR111
Description  Ultra Low Power 10.3 Gbps 1-Lane Repeater with Input Equalization and Output De-Emphasis
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100BR111 Datasheet(HTML) 2 Page - Texas Instruments

  DS100BR111_14 Datasheet HTML 1Page - Texas Instruments DS100BR111_14 Datasheet HTML 2Page - Texas Instruments DS100BR111_14 Datasheet HTML 3Page - Texas Instruments DS100BR111_14 Datasheet HTML 4Page - Texas Instruments DS100BR111_14 Datasheet HTML 5Page - Texas Instruments DS100BR111_14 Datasheet HTML 6Page - Texas Instruments DS100BR111_14 Datasheet HTML 7Page - Texas Instruments DS100BR111_14 Datasheet HTML 8Page - Texas Instruments DS100BR111_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
DS100BR111
SNLS338F – JANUARY 2011 – REVISED NOVEMBER 2014
www.ti.com
Table of Contents
8.3
Feature Description................................................. 13
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 13
2
Applications ........................................................... 1
8.5
Programming........................................................... 16
3
Description ............................................................. 1
8.6
Register Maps ......................................................... 30
4
Simplified Schematic............................................. 1
9
Application and Implementation ........................ 37
5
Revision History..................................................... 2
9.1
Application Information............................................ 37
6
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 38
7
Specifications......................................................... 6
10
Power Supply Recommendations ..................... 45
7.1
Absolute Maximum Ratings ...................................... 6
10.1
Power Supply Bypass ........................................... 46
7.2
Handling Ratings....................................................... 6
11
Layout................................................................... 46
7.3
Recommended Operating Conditions ....................... 6
11.1
Layout Guidelines ................................................. 46
7.4
Electrical Characteristics........................................... 6
11.2
Layout Example .................................................... 47
7.5
Electrical Characteristics — Serial Management Bus
12
Device and Documentation Support ................. 48
Interface .................................................................... 9
12.1
Documentation Support ........................................ 48
7.6
Timing Requirements — LOS and ENABLE /
DISABLE Timing ........................................................ 9
12.2
Trademarks ........................................................... 48
7.7
Typical Characteristics ............................................ 11
12.3
Electrostatic Discharge Caution ............................ 48
8
Detailed Description ............................................ 12
12.4
Glossary ................................................................ 48
8.1
Overview ................................................................. 12
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 12
Information ........................................................... 48
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (February 2013) to Revision F
Page
Added, updated, or renamed the following sections: Device Information Table, Application and Implementation;
Power Supply Recommendations; Layout; Device and Documentation Support; Mechanical, Packaging, and
Ordering Information .............................................................................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: DS100BR111


Similar Part No. - DS100BR111_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100BR111 TI1-DS100BR111_13 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
More results

Similar Description - DS100BR111_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100BR111A TI1-DS100BR111A_15 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeaters with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_14 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_15 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111_13 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A_14 Datasheet
6Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com