Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV612 Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV612
Description  2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV612 Datasheet(HTML) 1 Page - Texas Instruments

  DRV612_16 Datasheet HTML 1Page - Texas Instruments DRV612_16 Datasheet HTML 2Page - Texas Instruments DRV612_16 Datasheet HTML 3Page - Texas Instruments DRV612_16 Datasheet HTML 4Page - Texas Instruments DRV612_16 Datasheet HTML 5Page - Texas Instruments DRV612_16 Datasheet HTML 6Page - Texas Instruments DRV612_16 Datasheet HTML 7Page - Texas Instruments DRV612_16 Datasheet HTML 8Page - Texas Instruments DRV612_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SOC
DRV612
RIGHT
DAC
DAC
LEFT
Line Driver
Gain
Programmable
-1x to -10x
-
+
-
+
DRV612
www.ti.com
SLOS690B
– DECEMBER 2010 – REVISED APRIL 2011
2-Vrms DirectPath
™ Line Driver With Programmable-Fixed Gain
Check for Samples: DRV612
1
FEATURES
DESCRIPTION
The DRV612 is a single-ended, 2-Vrms stereo line
2
DirectPath
driver designed to reduce component count, board
– Eliminates Pops/Clicks
space
and
cost.
It
is
ideal
for
single-supply
– Eliminates Output DC-Blocking Capacitors
electronics where size and cost are critical design
parameters.
– 3-V to 3.6-V Supply Voltage
Low Noise and THD
The DRV612 does not require a power supply greater
than 3.3 V to generate its 5.6-VPP output, nor does it
– SNR > 105 dB at –1× Gain
require a split-rail power supply.
– Typical Vn < 12 μVms 20 Hz–20 kHz
Designed using TI
’s patented DirectPath technology,
at
–1× Gain
which integrates a charge pump to generate a
– THD+N < 0.003% at 10-kΩ Load
negative supply rail that provides a clean, pop-free
and
–1× Gain
ground-biased output. The DRV612 is capable of
2-Vrms Output Voltage Into 600-
Ω Load
driving
2
Vms
into
a
600-
Ω
load.
DirectPath
technology also allows the removal of the costly
Single-Ended Input and Output
output dc-blocking capacitors.
Programmable Gain Select Reduces
Component Count
The device has fixed-gain single-ended inputs with a
gain-select pin. Using a single resistor on this pin, the
– 13× Gain Values
designer can choose from 13 internal programmable
Active Mute With More Than 80 dB Attenuation
gain settings to match the line driver with the codec
Short Circuit and Thermal Protection
output level. It also reduces the component count and
board space.
±8-kV HBM ESD-Protected Outputs
Line outputs have
±8 kV HBM ESD protection,
APPLICATIONS
enabling
a
simple
ESD
protection
circuit.
The
DRV612 has built-in active mute control with more
PDP / LCD TV
that 80 dB attenuation for pop-free mute on/off
DVD Players
control.
Mini/Micro Combo Systems
The DRV612 is available in a 14-pin TSSOP and
Soundcards
16-pin
QFN.
For
a
footprint-compatible
stereo
headphone driver, see TPA6139A2 (SLOS700).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DirectPath is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2010–2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV612_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
More results

Similar Description - DRV612_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV612 TI-DRV612 Datasheet
660Kb / 23P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632 Datasheet
450Kb / 18P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
[Old version datasheet]   DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
   DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Texas Instruments
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com