Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV612 Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV612
Description  2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV612 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV612_16 Datasheet HTML 5Page - Texas Instruments DRV612_16 Datasheet HTML 6Page - Texas Instruments DRV612_16 Datasheet HTML 7Page - Texas Instruments DRV612_16 Datasheet HTML 8Page - Texas Instruments DRV612_16 Datasheet HTML 9Page - Texas Instruments DRV612_16 Datasheet HTML 10Page - Texas Instruments DRV612_16 Datasheet HTML 11Page - Texas Instruments DRV612_16 Datasheet HTML 12Page - Texas Instruments DRV612_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
OPAMP
Co
MuteCircuit
Output
MUTE
9-12V
+
+
+
-
Conventionalsolution
DRV612
Output
MUTE
3.3V
-
DRV 612 Solution
VDD
VSS
GND
VDD
VDD/2
GND
DirectPath
DRV612
www.ti.com
SLOS690B
– DECEMBER 2010 – REVISED APRIL 2011
APPLICATION INFORMATION
LINE DRIVER AMPLIFIERS
Single-supply line-driver amplifiers typically require dc-blocking capacitors. The top drawing in Figure 8 illustrates
the conventional line-driver amplifier connection to the load and output signal.
DC blocking capacitors are often large in value, and a mute circuit is needed during power up to minimize click
and pop. The output capacitor and mute circuit consume PCB area and increase cost of assembly, and can
reduce the fidelity of the audio output signal.
Figure 8. Conventional and DirectPath Line Driver
The DirectPath amplifier architecture operates from a single supply but makes use of an internal charge pump to
provide a negative voltage rail.
Combining the user-provided positive rail and the negative rail generated by the IC, the device operates in what
is effectively a split supply mode.
The output voltages are now centered at zero volts with the capability to swing to the positive rail or negative rail.
Combining this with the built-in click- and pop-reduction circuit, the DirectPath amplifier requires no output
dc-blocking capacitors.
The bottom block diagram and waveform of Figure 8 illustrate the ground-referenced line-driver architecture. This
is the architecture of the DRV612.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :DRV612


Similar Part No. - DRV612_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
More results

Similar Description - DRV612_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV612 TI-DRV612 Datasheet
660Kb / 23P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632 Datasheet
450Kb / 18P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
[Old version datasheet]   DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
   DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Texas Instruments
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com