Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25BR110 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DS25BR110
Description  3.125 Gbps LVDS Buffer with Receive Equalization
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25BR110 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS25BR110 Datasheet HTML 7Page - Texas Instruments DS25BR110 Datasheet HTML 8Page - Texas Instruments DS25BR110 Datasheet HTML 9Page - Texas Instruments DS25BR110 Datasheet HTML 10Page - Texas Instruments DS25BR110 Datasheet HTML 11Page - Texas Instruments DS25BR110 Datasheet HTML 12Page - Texas Instruments DS25BR110 Datasheet HTML 13Page - Texas Instruments DS25BR110 Datasheet HTML 14Page - Texas Instruments DS25BR110 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
150
125
100
75
50
25
0
0
0.8
1.6
2.4
3.2
4.0
VCC = 3.3V
TA = 25°C
NRZ PRBS-7
EQ = Low
DATA RATE (Gbps)
20" FR4 Stripline
10" FR4 Stripline
150
125
100
75
50
25
0
0
0.8
1.6
2.4
3.2
4.0
VCC = 3.3V
TA = 25°C
NRZ PRBS-7
EQ = Off
DATA RATE (Gbps)
DS25BR110
www.ti.com
SNLS255E – MARCH 2007 – REVISED APRIL 2013
Typical Performance (continued)
Figure 17. A 2.5 Gbps NRZ PRBS-7 After 70"
Figure 18. An Equalized 2.5 Gbps NRZ PRBS-7 After 70"
Differential FR-4 Stripline
Differential FR-4 Stripline
V:100 mV / DIV, H:75 ps / DIV
V:100 mV / DIV, H:75 ps / DIV
Figure 19. A 3.125 Gbps NRZ PRBS-7 After 70"
Figure 20. An Equalized 3.125 Gbps NRZ PRBS-7 After 70"
Differential FR-4 Stripline
Differential FR-4 Stripline
V:100 mV / DIV, H:50 ps / DIV
V:100 mV / DIV, H:50 ps / DIV
Figure 21. Total Jitter as a Function of Data Rate
Figure 22. Total Jitter as a Function of Data Rate
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS25BR110


Similar Part No. - DS25BR110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR110 NSC-DS25BR110 Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR110TSD NSC-DS25BR110TSD Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR110TSD NSC-DS25BR110TSD Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR110TSD NSC-DS25BR110TSD Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR110TSD NSC-DS25BR110TSD Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
More results

Similar Description - DS25BR110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR110_0711 NSC-DS25BR110_0711 Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_15 Datasheet
871Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR440 TI1-DS25BR440_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR204 NSC-DS25BR204_08 Datasheet
353Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com