Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25BR110 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS25BR110
Description  3.125 Gbps LVDS Buffer with Receive Equalization
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25BR110 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS25BR110 Datasheet HTML 5Page - Texas Instruments DS25BR110 Datasheet HTML 6Page - Texas Instruments DS25BR110 Datasheet HTML 7Page - Texas Instruments DS25BR110 Datasheet HTML 8Page - Texas Instruments DS25BR110 Datasheet HTML 9Page - Texas Instruments DS25BR110 Datasheet HTML 10Page - Texas Instruments DS25BR110 Datasheet HTML 11Page - Texas Instruments DS25BR110 Datasheet HTML 12Page - Texas Instruments DS25BR110 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
OUT+
OUT-
CML or
LVPECL or
LVDS
IN+
IN-
100:
100: Differential T-Line
DS25BR110
OUT+
OUT-
150-250:
100: Differential T-Line
LVDS
Receiver
IN+
IN-
100:
LVPECL
Driver
150-250:
OUT+
OUT-
DS25BR110
IN+
IN-
50:
50:
VCC
CML3.3V or CML2.5V
100: Differential T-Line
DS25BR110
www.ti.com
SNLS255E – MARCH 2007 – REVISED APRIL 2013
Figure 8. Typical CML Driver DC-Coupled Interface to DS25BR110 Input
Figure 9. Typical LVPECL Driver DC-Coupled Interface to DS25BR110 Input
OUTPUT INTERFACING
The DS25BR110 outputs signals compliant to the LVDS standard. It can be DC-coupled to most common
differential receivers. The following figure illustrates typical DC-coupled interface to common differential receivers
and assumes that the receivers have high impedance inputs. While most differential receivers have a common
mode input range that can accommodate LVDS compliant signals, it is recommended to check the respective
receiver's datasheet prior to implementing the suggested interface implementation.
Figure 10. Typical DS25BR110 Output DC-Coupled Interface to an LVDS, CML or LVPECL Receiver
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS25BR110


Similar Part No. - DS25BR110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR110 NSC-DS25BR110 Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR110TSD NSC-DS25BR110TSD Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR110TSD NSC-DS25BR110TSD Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR110TSD NSC-DS25BR110TSD Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR110TSD NSC-DS25BR110TSD Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
More results

Similar Description - DS25BR110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR110_0711 NSC-DS25BR110_0711 Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_15 Datasheet
871Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR440 TI1-DS25BR440_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR204 NSC-DS25BR204_08 Datasheet
353Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com