Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS16EV5110 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS16EV5110
Description  Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS16EV5110 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS16EV5110 Datasheet HTML 5Page - Texas Instruments DS16EV5110 Datasheet HTML 6Page - Texas Instruments DS16EV5110 Datasheet HTML 7Page - Texas Instruments DS16EV5110 Datasheet HTML 8Page - Texas Instruments DS16EV5110 Datasheet HTML 9Page - Texas Instruments DS16EV5110 Datasheet HTML 10Page - Texas Instruments DS16EV5110 Datasheet HTML 11Page - Texas Instruments DS16EV5110 Datasheet HTML 12Page - Texas Instruments DS16EV5110 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DS16EV5110
www.ti.com
SNLS249M – FEBRUARY 2007 – REVISED APRIL 2013
9. The Device drives the 8-bit data value (register contents).
10. The Host drives a NACK bit “1”indicating end of the READ transfer.
11. The Host drives a STOP condition.
12. The Host de-selects the device by driving its SMBus CS signal Low.
The READ transaction is completed, the bus goes IDLE and communication with other SMBus devices may now
occur.
See Table 1 for more information.
Table 1. SMBus Register Descriptions(1)
Name
Address
Default
Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Status
0x00
0x00
RO
ID Revision
Reserved
Reserved
Reserved
SD
Status
0x01
0x00
RO
Reserved
Boost 1
EN
Reserved
Status
0x02
0x00
RO
Reserved
Boost 3
Reserved
Boost 2
Internal
0x03
0x77
RW
EN (Int.)
Boost Control
EN (Int.)
Reserved
Enable/
0:Enable
(BC for CH0)
0:Enable
Individual
1:Disable
000 (Min Boost)
1:Disable
Channel
(D_IN0±)
001
(C_IN±)
Boost
010
Control
011
for
100
C_IN±,
101
D_IN0±
110
111 (Max Boost)
Individual
0x04
0x77
RW
EN (Int.)
Boost Control
EN (Int.)
Boost Control
Channel
0:Enable
(BC for CH2)
0:Enable
(BC for CH1)
Boost
1:Disable
000 (Min Boost)
1:Disable
000 (Min Boost)
Control
(D_IN2±)
001
(D_IN1±)
001
for
010
010
D_IN1±,
011
011
D_IN2±
100
100
101
101
110
110
111 (Max Boost)
111 (Max Boost)
Signal
0x05
0x00
RW
Reserved
Threshold (mV)
Detect ON
00: 70 (Default)
(SD_ON)
01: 55
10: 90
11: 75
Signal
0x06
0x00
RW
Reserved
Threshold (mV)
Detect OFF
00: 40 (Default)
(SD_OFF)
01: 30
10: 55
11: 45
SMBus
0x07
0x00
RW
Reserved
SMBus
orCMOS
Enable
Control for
0: Disable
EN
1: Enable
Output
0x08
0x78
RW
Reserved
Output Level:
Reserved
Level
00: 540 mVp-p
01: 770 mVp-p
10: 1000 mVp-p
11: 1200 mVp-p
(1)
Note: RO = Read Only, RW = Read/Write
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS16EV5110


Similar Part No. - DS16EV5110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16EV5110 NSC-DS16EV5110 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
DS16EV5110 NSC-DS16EV5110 Datasheet
1Mb / 20P
   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
Texas Instruments
DS16EV5110 TI-DS16EV5110 Datasheet
3Mb / 24P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
DS16EV5110A TI1-DS16EV5110A Datasheet
1Mb / 22P
[Old version datasheet]   DS16EV5110A Video Equalizer (3DC) for DVI, HDMI Source/Repeater/Sink Applications
DS16EV5110A TI1-DS16EV5110A Datasheet
3Mb / 25P
[Old version datasheet]   Video Equalizer (3DC) for DVI, HDMI Source/Repeater/Sink Applications
More results

Similar Description - DS16EV5110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16EV5110 NSC-DS16EV5110_08 Datasheet
1Mb / 20P
   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
Texas Instruments
DS16EV5110SQ TI1-DS16EV5110SQ Datasheet
1Mb / 22P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
DS16EV5110SQ TI-DS16EV5110SQ Datasheet
3Mb / 24P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
DS16EV5110A TI1-DS16EV5110A_15 Datasheet
3Mb / 25P
[Old version datasheet]   Video Equalizer (3DC) for DVI, HDMI Source/Repeater/Sink Applications
DS16EV5110A TI1-DS16EV5110A Datasheet
1Mb / 22P
[Old version datasheet]   DS16EV5110A Video Equalizer (3DC) for DVI, HDMI Source/Repeater/Sink Applications
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com