Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS15MB200TSQ Datasheet(PDF) 11 Page - Texas Instruments

Part # DS15MB200TSQ
Description  Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS15MB200TSQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS15MB200TSQ Datasheet HTML 7Page - Texas Instruments DS15MB200TSQ Datasheet HTML 8Page - Texas Instruments DS15MB200TSQ Datasheet HTML 9Page - Texas Instruments DS15MB200TSQ Datasheet HTML 10Page - Texas Instruments DS15MB200TSQ Datasheet HTML 11Page - Texas Instruments DS15MB200TSQ Datasheet HTML 12Page - Texas Instruments DS15MB200TSQ Datasheet HTML 13Page - Texas Instruments DS15MB200TSQ Datasheet HTML 14Page - Texas Instruments DS15MB200TSQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
15MB200
R4
130:
R3
130:
50:
50:
LVPECL
VDD
R1
83:
R2
83:
0.1 PF
0.1 PF
DS15MB200
www.ti.com
SNLS196E – NOVEMBER 2005 – REVISED MARCH 2013
Figure 11. AC Coupled LVDS to LVPECL Interface
Figure 11 illustrates AC coupled interface between an LVDS driver and LVPECL receiver without a VT pin
available. The resistors R1, R2, R3, and R4, if not present in the receiver(2), provide a load for the driver,
terminate the transmission line, and bias the signal for the receiver.
Packaging Information
The Leadless Leadframe Package (WQFN) is a leadframe based chip scale package (CSP) that may enhance
chip speed, reduce thermal impedance, and reduce the printed circuit board area required for mounting. The
small size and very low profile make this package ideal for high density PCBs used in small-scale electronic
applications such as cellular phones, pagers, and handheld PDAs. The WQFN package is offered in the no
Pullback configuration. In the no Pullback configuration the standard solder pads extend and terminate at the
edge of the package. This feature offers a visible solder fillet after board mounting.
The WQFN has the following advantages:
Low thermal resistance
Reduced electrical parasitics
Improved board space efficiency
Reduced package height
Reduced package mass
For more details about WQFN packaging technology, refer to applications note AN-1187, "Leadless Leadframe
Package" (SNOA401).
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS15MB200


Similar Part No. - DS15MB200TSQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200TSQ NSC-DS15MB200TSQ Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200TSQ NSC-DS15MB200TSQ Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200TSQX NSC-DS15MB200TSQX Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200TSQX NSC-DS15MB200TSQX Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
More results

Similar Description - DS15MB200TSQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200 TI1-SCAN15MB200_15 Datasheet
774Kb / 20P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
[Old version datasheet]   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com