Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS15BR400TSQ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS15BR400TSQ
Description  4-Channel LVDS Buffer/Repeater with Pre-Emphasis
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS15BR400TSQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS15BR400TSQ Datasheet HTML 4Page - Texas Instruments DS15BR400TSQ Datasheet HTML 5Page - Texas Instruments DS15BR400TSQ Datasheet HTML 6Page - Texas Instruments DS15BR400TSQ Datasheet HTML 7Page - Texas Instruments DS15BR400TSQ Datasheet HTML 8Page - Texas Instruments DS15BR400TSQ Datasheet HTML 9Page - Texas Instruments DS15BR400TSQ Datasheet HTML 10Page - Texas Instruments DS15BR400TSQ Datasheet HTML 11Page - Texas Instruments DS15BR400TSQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DS15BR400, DS15BR401
SNLS224G – AUGUST 2006 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
INTERNAL TERMINATIONS
The DS15BR400 has integrated termination resistors on both the input and outputs. The inputs have a 100
resistor across the differential pair, placing the receiver termination as close as possible to the input stage of the
device. The LVDS outputs also contain an integrated 100
Ω ohm termination resistor, this resistor is used to
minimize the output return loss and does not take the place of the 100 ohm termination at the inputs to the
receiving device. The integrated terminations improve signal integrity and decrease the external component
count resulting in space savings. The DS15BR401 has 100
Ω output terminations only.
OUTPUT CHARACTERISTICS
The output characteristics of the DS15BRB400/DS15BR401 have been optimized for point-to-point backplane
and cable applications, and are not intended for multipoint or multidrop signaling.
POWERDOWN MODE
The PWDN input activates a hardware powerdown mode. When the powerdown mode is active (PWDN=L), all
input and output buffers and internal bias circuitry are powered off. When exiting powerdown mode, there is a
delay associated with turning on bandgap references and input/output buffer circuits as indicated in the LVDS
Output Switching Characteristics.
Upon asserting the power down function (PWDN = Low), and if the Pre-emphasis feature is enable, it is possible
for the driver output to source current for a short amount of time lifting the output common mode to VDD. To
prevent this occurrence, a load discharge pull down path can be used on either output (1 k
Ω to ground
recommended). Alternately, a commonly deployed external failsafe network will also provide this path (see
INPUT FAILSAFE BIASING). The occurrence of this is application dependant, and parameters that will effect if
this is of concern include: AC coupling, use of the powerdown feature, presence of the discharge path, presence
of the failsafe biasing, the usage of the pre-emphasis feature, and input characteristics of the downstream LVDS
Receiver.
PRE-EMPHASIS
Pre-emphasis dramatically reduces ISI jitter from long or lossy transmission media. One pin is used to select the
pre-emphasis level for all outputs, off or on. The pre-emphasis boost is approximately 6 dB at 750 MHz.
Table 1. Pre-emphasis Control Selection Table
PEM
Pre-Emphasis
0
Off
1
On
INPUT FAILSAFE BIASING
Failsafe biasing of the LVDS link should be considered if the downstream Receiver is ON and enabled when the
source is in TRI-STATE, powered off, or removed. This will set a valid known input state to the active receiver.
This is accomplished by using a pull up resistor to VDD on the ‘plus’ line, and a pull down resistor to GND on the
‘minus’ line. Resistor values are in the 750 Ohm to several k
Ω range. The exact value depends upon the desired
common mode bias point, termination resistor(s) and desired input differential voltage setting. Please refer to
application note AN-1194 “Failsafe Biasing of LVDS interfaces” (SNLA051) for more information and a general
discussion.
DECOUPLING
Each power or ground lead of the DS15BR400 should be connected to the PCB through a low inductance path.
For best results, one or more vias are used to connect a power or ground pin to the nearby plane. Ideally, via
placement is immediately adjacent to the pin to avoid adding trace inductance. Placing power plane closer to the
top of the board reduces effective via length and its associated inductance.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS15BR400 DS15BR401


Similar Part No. - DS15BR400TSQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15BR400TSQ NSC-DS15BR400TSQ Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400TSQX NSC-DS15BR400TSQX Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results

Similar Description - DS15BR400TSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV004 TI1-DS90LV004_13 Datasheet
214Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 NSC-DS15BR400 Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
Texas Instruments
SCAN90004 TI1-SCAN90004_18 Datasheet
288Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004_07 Datasheet
251Kb / 12P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90004 NSC-SCAN90004_07 Datasheet
280Kb / 14P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
SCAN90004 NSC-SCAN90004 Datasheet
537Kb / 8P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Texas Instruments
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com