Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS15MB200 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS15MB200
Description  Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS15MB200 Datasheet(HTML) 2 Page - Texas Instruments

  DS15MB200 Datasheet HTML 1Page - Texas Instruments DS15MB200 Datasheet HTML 2Page - Texas Instruments DS15MB200 Datasheet HTML 3Page - Texas Instruments DS15MB200 Datasheet HTML 4Page - Texas Instruments DS15MB200 Datasheet HTML 5Page - Texas Instruments DS15MB200 Datasheet HTML 6Page - Texas Instruments DS15MB200 Datasheet HTML 7Page - Texas Instruments DS15MB200 Datasheet HTML 8Page - Texas Instruments DS15MB200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Channel 1
Channel 0
LI_0
SOA_0
SOB_0
SIA_0
SIB_0
MUX_S0
PREA_0
ENA_0
PREB_0
ENB_0
LO_0
PREL_0
ENL_0
DS15MB200
SNLS196E – NOVEMBER 2005 – REVISED MARCH 2013
www.ti.com
Block Diagram
Figure 2.
PIN DESCRIPTIONS
Pin
WQFN Pin
I/O, Type
Description
Name
Number
SWITCH SIDE DIFFERENTIAL INPUTS
SIA_0+
30
I, LVDS
Switch A-side Channel 0 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
SIA_0
29
LVPECL compatible.
SIA_1+
19
I, LVDS
Switch A-side Channel 1 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
SIA_1
20
LVPECL compatible.
SIB_0+
28
I, LVDS
Switch B-side Channel 0 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
SIB_0
27
LVPECL compatible.
SIB_1+
21
I, LVDS
Switch B-side Channel 1 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
SIB_1
22
LVPECL compatible.
LINE SIDE DIFFERENTIAL INPUTS
LI_0+
40
I, LVDS
Line-side Channel 0 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
LI_0
39
LVPECL compatible.
LI_1+
9
I, LVDS
Line-side Channel 1 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
LI_1
10
LVPECL compatible.
SWITCH SIDE DIFFERENTIAL OUTPUTS
SOA_0+
34
O, LVDS
Switch A-side Channel 0 inverting and non-inverting differential outputs. LVDS compatible(1)(2).
SOA_0
33
SOA_1+
15
O, LVDS
Switch A-side Channel 1 inverting and non-inverting differential outputs. LVDS compatible(1)(2).
SOA_1
16
SOB_0+
32
O, LVDS
Switch B-side Channel 0 inverting and non-inverting differential outputs. LVDS compatible(1)(2).
SOB_0
31
SOB_1+
17
O, LVDS
Switch B-side Channel 1 inverting and non-inverting differential outputs. LVDS compatible(1)(2).
SOB_1
18
LINE SIDE DIFFERENTIAL OUTPUTS
LO_0+
42
O, LVDS
Line-side Channel 0 inverting and non-inverting differential outputs. LVDS compatible(1)(2).
LO_0
41
LO_1+
7
O, LVDS
Line-side Channel 1 inverting and non-inverting differential outputs. LVDS compatible(1)(2).
LO_1
8
(1)
For interfacing LVDS outputs to CML or LVPECL compatible inputs, refer to the applications section of this datasheet (planned).
(2)
The LVDS outputs do not support a multidrop (BLVDS) environment. The LVDS output characteristics of the DS15MB200 device have
been optimized for point-to-point backplane and cable applications.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS15MB200


Similar Part No. - DS15MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200 NSC-DS15MB200 Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200TSQ NSC-DS15MB200TSQ Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200TSQ NSC-DS15MB200TSQ Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200TSQX NSC-DS15MB200TSQX Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
More results

Similar Description - DS15MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200 TI1-SCAN15MB200_15 Datasheet
774Kb / 20P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
[Old version datasheet]   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com