Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS15BR400 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS15BR400
Description  4-Channel LVDS Buffer/Repeater with Pre-Emphasis
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS15BR400 Datasheet(HTML) 4 Page - Texas Instruments

  DS15BR400 Datasheet HTML 1Page - Texas Instruments DS15BR400 Datasheet HTML 2Page - Texas Instruments DS15BR400 Datasheet HTML 3Page - Texas Instruments DS15BR400 Datasheet HTML 4Page - Texas Instruments DS15BR400 Datasheet HTML 5Page - Texas Instruments DS15BR400 Datasheet HTML 6Page - Texas Instruments DS15BR400 Datasheet HTML 7Page - Texas Instruments DS15BR400 Datasheet HTML 8Page - Texas Instruments DS15BR400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DS15BR400, DS15BR401
SNLS224G – AUGUST 2006 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1)
Supply Voltage (VDD)
−0.3V to +4.0V
CMOS Input Voltage
−0.3V to (VDD+0.3V)
LVDS Receiver Input Voltage
−0.3V to (VDD+0.3V)
LVDS Driver Output Voltage
−0.3V to (VDD+0.3V)
LVDS Output Short Circuit Current
+40 mA
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Solder, 4sec)
260°C
Max Pkg Power Capacity @ 25°C
TQFP
1.64W
WQFN
4.16W
Thermal Resistance (
θJA)
TQFP
76°C/W
WQFN
30°C/W
Package Derating above +25°C
TQFP
13.2mW/°C
WQFN
33.3mW/°C
ESD Last Passing Voltage
HBM, 1.5k
Ω, 100pF
8 kV
LVDS pins to GND only
15 kV
EIAJ, 0
Ω, 200pF
250V
Charged Device Model
1000V
(1)
Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met,
without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. TI
does not recommend operation of products outside of recommended operation conditions.
Recommended Operating Conditions
Supply Voltage (VDD)
3.0V to 3.6V
Input Voltage (VI)
(1)
0V to VDD
Output Voltage (VO)
0V to VDD
Operating Temperature (TA)
Industrial
−40°C to +85°C
(1)
VID max < 2.4V
Electrical Characteristics
Over recommended operating supply and temperature ranges unless other specified.
Typ
Symbol
Parameter
Conditions
Min
Max
Units
(1)
LVCMOS DC SPECIFICATIONS (PWDN, PEM)
VIH
High Level Input Voltage
2.0
VDD
V
VIL
Low Level Input Voltage
GND
0.8
V
IIH
High Level Input Current
VIN = VDD = 3.6V (PWDN pin)
−10
+10
µA
IIHR
High Level Input Current
VIN = VDD = 3.6V (PEM pin)
40
200
µA
IIL
Low Level Input Current
VIN = VSS, VDD = 3.6V
−10
+10
µA
CIN1
LVCMOS Input Capacitance
Any Digital Input Pin to VSS
5.5
pF
VCL
Input Clamp Voltage
ICL = −18 mA, VDD = 0V
−1.5
−0.8
V
(1)
Typical parameters are measured at VDD = 3.3V, TA = 25°C. They are for reference purposes, and are not production-tested.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS15BR400 DS15BR401


Similar Part No. - DS15BR400

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15BR400 NSC-DS15BR400 Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400TSQ NSC-DS15BR400TSQ Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400TSQX NSC-DS15BR400TSQX Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400TVS NSC-DS15BR400TVS Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400TVSX NSC-DS15BR400TVSX Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results

Similar Description - DS15BR400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV004 TI1-DS90LV004_13 Datasheet
214Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 NSC-DS15BR400 Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
Texas Instruments
SCAN90004 TI1-SCAN90004_18 Datasheet
288Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004_07 Datasheet
251Kb / 12P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90004 NSC-SCAN90004_07 Datasheet
280Kb / 14P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
SCAN90004 NSC-SCAN90004 Datasheet
537Kb / 8P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Texas Instruments
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com