Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14C335 Datasheet(PDF) 7 Page - Texas Instruments

Part # DS14C335
Description  3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS14C335 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS14C335_15 Datasheet HTML 3Page - Texas Instruments DS14C335_15 Datasheet HTML 4Page - Texas Instruments DS14C335_15 Datasheet HTML 5Page - Texas Instruments DS14C335_15 Datasheet HTML 6Page - Texas Instruments DS14C335_15 Datasheet HTML 7Page - Texas Instruments DS14C335_15 Datasheet HTML 8Page - Texas Instruments DS14C335_15 Datasheet HTML 9Page - Texas Instruments DS14C335_15 Datasheet HTML 10Page - Texas Instruments DS14C335_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DS14C335
www.ti.com
SNLS090C – MARCH 2000 – REVISED APRIL 2013
APPLICATION INFORMATION
9-PIN SERIAL PORT APPLICATION
In a typical Data Terminal Equipment (DTE) to Data Circuit-Terminating Equipment (DCE) 9-pin de-facto
interface implementation, 2 data lines and 6 control lines are required. The data lines are TXD and RXD and the
control lines are RTS, DTR, DSR, DCD, CTS and RI. The DS14C335 is a 3 x 5 Driver/Receiver and offers a
single chip solution for the DTE interface as shown in Figure 10.
Ring Indicator (RI) is used to inform the DTE that an incoming call is coming from a remote DCE. When the
DS14C335 is in SHUTDOWN (SD) mode, receiver five (R5) remains active and monitors RI circuit. This active
receiver (R5) alerts the DTE to switch the DS14C335 from SHUTDOWN to active mode.
Figure 10. Typical DTE Application
MOUSE DRIVING
The DS14C335 was tested for drive current under the following mouse driving conditions:
Two driver outputs set at VOH and their outputs were tied together (paralleled), sourcing current to supply the
V+ terminal of the mouse electronics
One driver output set at VOL to sink the current from the V− terminal of the mouse electronics
One receiver was used to accept data from the mouse
Power Supply Voltage (VCC): 3.0V to 3.6V
Completion of the testing (performed by TI's Data Transmission Applications Group and a major PC
manufacturer) concluded that the DS14C335 and it's DC-DC Convertor supplied adequate drive capability to
power a typical PC mouse. The mouse tested was specified with the following conditions:
10 mA at +6V
5.0 mA at
−6V
Since driver current is limited, it is recommended that newer lower power mice be specified for battery powered
applications. Using older high power mice is wasteful of precious battery charge.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS14C335


Similar Part No. - DS14C335_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C335MSA NSC-DS14C335MSA Datasheet
179Kb / 9P
   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335MSA TI-DS14C335MSA Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C335MSAX TI-DS14C335MSAX Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
More results

Similar Description - DS14C335_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
   3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335MSAX TI-DS14C335MSAX Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
   Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
logo
National Semiconductor ...
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
   Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com