Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14C232CM Datasheet(PDF) 4 Page - Texas Instruments

Part # DS14C232CM
Description  Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS14C232CM Datasheet(HTML) 4 Page - Texas Instruments

  DS14C232CM Datasheet HTML 1Page - Texas Instruments DS14C232CM Datasheet HTML 2Page - Texas Instruments DS14C232CM Datasheet HTML 3Page - Texas Instruments DS14C232CM Datasheet HTML 4Page - Texas Instruments DS14C232CM Datasheet HTML 5Page - Texas Instruments DS14C232CM Datasheet HTML 6Page - Texas Instruments DS14C232CM Datasheet HTML 7Page - Texas Instruments DS14C232CM Datasheet HTML 8Page - Texas Instruments DS14C232CM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DS14C232
SNLS076C – OCTOBER 1999 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1) (continued)
Over recommended operating conditions, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ(2)
Max
Unit
s
IOS+
Output High Short Circuit
VO = 0V, VIN = 0.8V
See (3)
−30
−15
−5.0
mA
Current
IOS−
Output Low Short Circuit
VO = 0V, VIN = 2V
5.0
11
30
mA
Current
RO
Output Resistance
−2V ≤ VO ≤ +2V,
300
Ω
VCC = 0V = GND
RECEIVER CHARACTERISTICS
VTH
Input High Threshold
VCC = 5.0V
1.9
2.4
V
Voltage
VCC = 5.0V ±10%
1.9
2.6
V
VTL
Input Low Threshold
0.8
1.5
V
Voltage
VHY
Hysteresis
0.2
0.4
1.0
V
RIN
Input Resistance
−15V ≤ VIN ≤ +15V
3.0
4.7
7.0
k
Ω
IIN
Input Current
VIN = +15V
+2.14
+3.75
+5.0
mA
VIN = +3V
+0.43
+0.64
+1.0
mA
VIN = −3V
−1.0
−0.64
−0.43
mA
VIN = −15V
−5.0
−3.75
−2.14
mA
VOH
High Level Output Voltage
VIN = −3V, IO = −3.2 mA
3.5
4.5
V
VIN = −3V, IO = −20 μA
4.0
4.9
V
VOL
Low Level Output Voltage
VIN = +3V, IO = +3.2 mA
0.15
0.4
V
(3)
IOS+ and IOSvalues are for one output at a time. If more than one output is shorted simultaneously, the device power dissipation may
be exceeded.
Switching Characteristics
Over recommended operating conditions, unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ
Ma
Units
x
DRIVER CHARACTERISTICS
tPLH
Propagation Delay Low to
RL = 3 kΩ
(Figure 5, Figure 6)
1.0
4.0
μs
High
CL = 50 pF
tPHL
Propagation Delay High to
1.0
4.0
μs
Low
tSK
Skew |tPLH − tPHL|
0.1
1.0
μs
SR1
Output Slew Rate
RL = 3 kΩ to 7 kΩ, CL = 50 pF
See (1)
4.0
30
V/
μs
SR2
Output Slew Rate
RL = 3 kΩ, CL = 2500 pF
4.5
V/
μs
RECEIVER CHARACTERISTICS
tPLH
Propagation Delay Low to
Input Pulse Width > 10
μs
2.9
6.5
μs
High
tPHL
Propagation Delay High to
CL = 50 pF
2.5
6.5
μs
Low
tSK
Skew |tPLH − tPHL|
(Figure 7, Figure 8)
0.4
2.0
μs
tnw
Noise Pulse Width Rejected (Figure 7, Figure 8)
0.7
0.5
μs
(1)
Slew rate is defined as
ΔV/Δt, measured between ±3V level.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DS14C232


Similar Part No. - DS14C232CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C232CM NSC-DS14C232CM Datasheet
232Kb / 12P
   Low Power 5V Powered TIA/EIA-232 Dual
logo
Rochester Electronics
DS14C232CM ROCHESTER-DS14C232CM Datasheet
630Kb / 1P
   LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
logo
Texas Instruments
DS14C232CM TI1-DS14C232CM Datasheet
917Kb / 18P
[Old version datasheet]   DS14C232 Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
logo
Rochester Electronics
DS14C232CM-NOPB ROCHESTER-DS14C232CM-NOPB Datasheet
630Kb / 1P
   LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
DS14C232CMX ROCHESTER-DS14C232CMX Datasheet
630Kb / 1P
   LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
More results

Similar Description - DS14C232CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C202 NSC-DS14C202 Datasheet
140Kb / 8P
   Low Power 5V Powered EIA/TIA-232 Dual Driver/Receiver
logo
Texas Instruments
DS14C232CN TI1-DS14C232CN Datasheet
917Kb / 18P
[Old version datasheet]   DS14C232 Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
logo
National Semiconductor ...
DS14C232 NSC-DS14C232 Datasheet
232Kb / 12P
   Low Power 5V Powered TIA/EIA-232 Dual
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
   Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C238 NSC-DS14C238_02 Datasheet
102Kb / 5P
   Single Supply TIA/EIA-232 4X4 Driver/Receiver
LMS202 NSC-LMS202 Datasheet
114Kb / 5P
   5V Single Supply TIA/EIA-232 Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com