Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS10CP154A Datasheet(PDF) 11 Page - Texas Instruments

Part # DS10CP154A
Description  1.5 Gbps 4x4 LVDS Crosspoint Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS10CP154A Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS10CP154A_15 Datasheet HTML 7Page - Texas Instruments DS10CP154A_15 Datasheet HTML 8Page - Texas Instruments DS10CP154A_15 Datasheet HTML 9Page - Texas Instruments DS10CP154A_15 Datasheet HTML 10Page - Texas Instruments DS10CP154A_15 Datasheet HTML 11Page - Texas Instruments DS10CP154A_15 Datasheet HTML 12Page - Texas Instruments DS10CP154A_15 Datasheet HTML 13Page - Texas Instruments DS10CP154A_15 Datasheet HTML 14Page - Texas Instruments DS10CP154A_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DS10CP154A
www.ti.com
SNLS306C – AUGUST 2008 – REVISED APRIL 2013
Table 7. Switch Configuration Register Truth Table
D1
D0
Input Routed to the OUT0
0
0
IN0
0
1
IN1
1
0
IN2
1
1
IN3
The switch configuration logic has a SmartPWDN circuitry which automatically optimizes the device's power
consumption based on the switch configuration (i.e. It places unused I/O blocks and other unused circuitry in the
power down state).
Control Register
The Control register enables SoftPWDN control, individual output power down (PWDNn) control and LOS
Circuitry Enable control via the SMBus. The following table shows the register mapping.
Bit
Default
Bit Name
Access
Description
D[3:0]
1111
PWDNn
R/W
Writing a [0] to the bit D[n] will power down the output
OUTn when either the PWDN pin OR the Control
Register bit D[7] (SoftPWDN) is set to a high [1].
D[4]
x
n/a
R/W
Undefined.
D[5]
x
n/a
R/W
Undefined.
D[6]
0
EN_LOS
R/W
Writing a [1] to the bit D[6] will enable the LOS circuitry
and receivers on all four inputs. The SmartPWDN
circuitry will not disable any of the inputs nor any
supporting LOS circuitry depending on the switch
configuration.
D[7]
0
SoftPWDN
R/W
Writing a [0] to the bit D[7] will place the device into
the power down mode. This pin is ORed together with
the PWDN pin.
Table 8. DS10CP154A Power Modes Truth Table
PWDN
SoftPWDN
PWDNn
DS25CP104 Power Mode
0
0
x
Power Down Mode. In this mode, all
circuitry is shut down except the minimum
required circuitry for the LOS and SMBus
Slave operation. The SMBus circuitry
allows enabling the LOS circuitry and
receivers on all inputs in this mode by
setting the EN_LOS bit to a [1].
0
1
x
Power Up Mode. In this mode, the
1
0
x
SmartPWDN circuitry will automatically
1
1
x
power down any unused I/O and logic
blocks and other supporting circuitry
depending on the switch configuration.
An output will be enabled only when the
SmartPWDN circuitry indicates that that
particular output is needed for the
particular switch configuration and the
respective PWDNn bit has logic high [1].
An input will be enabled when the
SmartPWDN circuitry indicates that that
particular input is needed for the
particular switch configuration or the
EN_LOS bit is set to a [1].
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS10CP154A


Similar Part No. - DS10CP154A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_14 Datasheet
807Kb / 20P
[Old version datasheet]   DS10CP154A 1.5 Gbps 4x4 LVDS Crosspoint Switch
More results

Similar Description - DS10CP154A_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP154 NSC-DS10CP154 Datasheet
584Kb / 12P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_14 Datasheet
895Kb / 25P
[Old version datasheet]   DS90CP04 1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP154A TI1-DS10CP154A_14 Datasheet
807Kb / 20P
[Old version datasheet]   DS10CP154A 1.5 Gbps 4x4 LVDS Crosspoint Switch
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com