Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS10CP154A Datasheet(PDF) 3 Page - Texas Instruments

Part # DS10CP154A
Description  1.5 Gbps 4x4 LVDS Crosspoint Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS10CP154A Datasheet(HTML) 3 Page - Texas Instruments

  DS10CP154A_15 Datasheet HTML 1Page - Texas Instruments DS10CP154A_15 Datasheet HTML 2Page - Texas Instruments DS10CP154A_15 Datasheet HTML 3Page - Texas Instruments DS10CP154A_15 Datasheet HTML 4Page - Texas Instruments DS10CP154A_15 Datasheet HTML 5Page - Texas Instruments DS10CP154A_15 Datasheet HTML 6Page - Texas Instruments DS10CP154A_15 Datasheet HTML 7Page - Texas Instruments DS10CP154A_15 Datasheet HTML 8Page - Texas Instruments DS10CP154A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DS10CP154A
www.ti.com
SNLS306C – AUGUST 2008 – REVISED APRIL 2013
PIN DESCRIPTIONS
Pin
Pin Name
I/O, Type
Pin Description
Number
IN0+, IN0- ,
1, 2,
I, LVDS
Inverting and non-inverting high speed LVDS input pins.
IN1+, IN1-,
4, 5,
IN2+, IN2-,
6, 7,
IN3+, IN3-
9, 10
OUT0+, OUT0-,
29, 28,
O, LVDS
Inverting and non-inverting high speed LVDS output pins.
OUT1+, OUT1-,
27, 26,
OUT2+, OUT2-,
24, 23,
OUT3+, OUT3-
22, 21
EN_smb
17
I, LVCMOS
System Management Bus (SMBus) mode enable pin. The pin has an internal
20k pull down. When the pin is set to a [1], the device is in the SMBus mode.
All SMBus registers are reset when the pin is toggled.
S00/SCL,
37,
I/O, LVCMOS
For EN_smb = [0], these pins select which LVDS input is routed to the OUT0.
S01/SDA
36
In the SMBus mode, when the EN_smb = [1], these pins are the SMBus clock
input and data I/O pins respectively.
S10/ADDR0,
35,
I/O, LVCMOS
For EN_smb = [0], these pins select which LVDS input is routed to the OUT1.
S11/ADDR1
34
In the SMBus mode, when the EN_smb = [1], these pins are the User-Set
SMBus Slave Address inputs.
S20/ADDR2,
33,
I/O, LVCMOS
For EN_smb = [0], these pins select which LVDS input is routed to the OUT2.
S21/ADDR3
32
In the SMBus mode, when the EN_smb = [1], these pins are the User-Set
SMBus Slave Address inputs.
S30, S31
13, 14
I, LVCMOS
For EN_smb = [0], these pins select which LVDS input is routed to the OUT3.
In the SMBus mode, when the EN_smb = [1], these pins are non-functional
and should be tied to either logic [0] or [1].
PWDN
38
I, LVCMOS
For EN_smb = [0], this is the power down pin. When the PWDN is set to a [0],
the device is in the power down mode. The SMBus circuitry can still be
accessed provided the EN_smb pin is set to a [1].
In the SMBus mode, the device is powered up by either setting the PWDN pin
to [1] OR by writing a [1] to the Control Register D[7] bit ( SoftPWDN). The
device will be powered down by setting the PWDN pin to [0] AND by writing a
[0] to the Control Register D[7] bit ( SoftPWDN).
NC
11, 12, 18,
No connect pins. May be left floating.
19, 20, 31,
39, 40
VDD
3, 8,
Power
Power supply pins.
15,25, 30
GND
16, DAP
Power
Ground pin and pad (DAP - die attach pad).
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS10CP154A


Similar Part No. - DS10CP154A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_14 Datasheet
807Kb / 20P
[Old version datasheet]   DS10CP154A 1.5 Gbps 4x4 LVDS Crosspoint Switch
More results

Similar Description - DS10CP154A_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP154 NSC-DS10CP154 Datasheet
584Kb / 12P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_14 Datasheet
895Kb / 25P
[Old version datasheet]   DS90CP04 1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP154A TI1-DS10CP154A_14 Datasheet
807Kb / 20P
[Old version datasheet]   DS10CP154A 1.5 Gbps 4x4 LVDS Crosspoint Switch
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com