Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS10CP152 Datasheet(PDF) 5 Page - Texas Instruments

Part # DS10CP152
Description  1.5 Gbps 2X2 LVDS Crosspoint Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS10CP152 Datasheet(HTML) 5 Page - Texas Instruments

  DS10CP152_13 Datasheet HTML 1Page - Texas Instruments DS10CP152_13 Datasheet HTML 2Page - Texas Instruments DS10CP152_13 Datasheet HTML 3Page - Texas Instruments DS10CP152_13 Datasheet HTML 4Page - Texas Instruments DS10CP152_13 Datasheet HTML 5Page - Texas Instruments DS10CP152_13 Datasheet HTML 6Page - Texas Instruments DS10CP152_13 Datasheet HTML 7Page - Texas Instruments DS10CP152_13 Datasheet HTML 8Page - Texas Instruments DS10CP152_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS10CP152
www.ti.com
SNLS261E – OCTOBER 2007 – REVISED APRIL 2013
AC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS OUTPUT AC SPECIFICATIONS
tPLHD
Differential Propagation Delay Low to
440
650
ps
High (3)
RL = 100Ω
tPHLD
Differential Propagation Delay High to
400
650
ps
Low (3)
tSKD1
Pulse Skew |tPLHD − tPHLD|
40
120
ps
(3) (4)
tSKD2
Channel to Channel Skew
25
60
ps
(3) (5)
tSKD3
Part to Part Skew
45
190
ps
(3) (6)
tLHT
Rise Time (3)
170
350
ps
RL = 100Ω
tHLT
Fall Time (3)
170
350
ps
tON
Output Enable Time
5
20
μs
tOFF
Output Disable Time
3
12
ns
tSEL
Select Time
3
12
ns
JITTER PERFORMANCE (3)
tRJ1
VID = 350 mV
135 MHz
0.5
1.2
ps
VCM = 1.2V
tRJ2
311 MHz
0.5
1.2
ps
Clock (RZ)
Random Jitter (RMS Value) (7)
tRJ3
503 MHz
0.5
1.2
ps
tRJ4
750 MHz
0.5
1.2
ps
tDJ1
VID = 350 mV
270 Mbps
9
38
ps
VCM = 1.2V
tDJ2
622 Mbps
7
36
ps
Deterministic Jitter (Peak-to-Peak
Clock (RZ)
Value )(8)
tDJ3
1.06 Gbps
7
34
ps
tDJ4
1.5 Gbps
9
35
ps
tTJ1
VID = 350 mV
270 Mbps
0.01
0.03
UIP-P
VCM = 1.2V
tTJ2
622 Mbps
0.01
0.04
UIP-P
PRBS-23 (NRZ)
Total Jitter (Peak to Peak Value) (9)
tTJ3
1.06 Gbps
0.01
0.05
UIP-P
tTJ4
1.5 Gbps
0.01
0.07
UIP-P
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not ensured.
(3)
Specification is ensured by characterization and is not tested in production.
(4)
tSKD1, |tPLHD − tPHLD|, Pulse Skew, is the magnitude difference in differential propagation delay time between the positive going edge and
the negative going edge of the same channel.
(5)
tSKD2, Channel to Channel Skew, is the difference in propagation delay (tPLHD or tPHLD) among all output channels in Broadcast mode
(any one input to all outputs).
(6)
tSKD3, Part to Part Skew, is defined as the difference between the minimum and maximum differential propagation delays. This
specification applies to devices at the same VCC and within 5°C of each other within the operating temperature range.
(7)
Measured on a clock edge with a histogram and an accumulation of 1500 histogram hits. Input stimulus jitter is subtracted geometrically.
(8)
Tested with a combination of the 1100000101 (K28.5+ character) and 0011111010 (K28.5- character) patterns. Input stimulus jitter is
subtracted algebraically.
(9)
Measured on an eye diagram with a histogram and an accumulation of 3500 histogram hits. Input stimulus jitter is subtracted.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS10CP152


Similar Part No. - DS10CP152_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
More results

Similar Description - DS10CP152_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_14 Datasheet
818Kb / 15P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS10CP152Q TI1-DS10CP152Q_14 Datasheet
771Kb / 15P
[Old version datasheet]   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152QMA TI-DS10CP152QMA Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com