Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS10BR254 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS10BR254
Description  1.5 Gbps 1:4 LVDS Repeater
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS10BR254 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS10BR254 Datasheet HTML 6Page - Texas Instruments DS10BR254 Datasheet HTML 7Page - Texas Instruments DS10BR254 Datasheet HTML 8Page - Texas Instruments DS10BR254 Datasheet HTML 9Page - Texas Instruments DS10BR254 Datasheet HTML 10Page - Texas Instruments DS10BR254 Datasheet HTML 11Page - Texas Instruments DS10BR254 Datasheet HTML 12Page - Texas Instruments DS10BR254 Datasheet HTML 13Page - Texas Instruments DS10BR254 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
120
110
100
90
80
70
60
0
0.8
1.6
2.4
3.2
4.0
DATA RATE (Gbps)
1 Output ON
2 Outputs ON
3 Outputs ON
All Outputs ON
VCC = 3.3V
TA = 25°C
NRZ PRBS-7
DS10BR254
SNLS260D – DECEMBER 2007 – REVISED APRIL 2013
www.ti.com
Typical Performance
Figure 6. A 1.5 Gbps NRZ PRBS-7 After 2"
Figure 7. A 1.06 Gbps NRZ PRBS-7 After 2"
Differential FR-4 Stripline
Differential FR-4 Stripline
V:100 mV / DIV, H:100 ps / DIV
V:100 mV / DIV, H:200 ps / DIV
Figure 8. A 622 Mbps NRZ PRBS-7 After 2"
Figure 9. A 270 Mbps NRZ PRBS-7 After 2"
Differential FR-4 Stripline
Differential FR-4 Stripline
V:100 mV / DIV, H:200 ps / DIV
V:100 mV / DIV, H:500 ps / DIV
Figure 10. Supply Current as a Function of a Number of Outputs Used
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS10BR254


Similar Part No. - DS10BR254

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254 NSC-DS10BR254 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254TSQ NSC-DS10BR254TSQ Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254TSQ NSC-DS10BR254TSQ Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
More results

Similar Description - DS10BR254

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
SN65CML100 TI-SN65CML100 Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
SN65CML100 TI1-SN65CML100_13 Datasheet
1Mb / 19P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
logo
National Semiconductor ...
DS10BR150_0711 NSC-DS10BR150_0711 Datasheet
394Kb / 12P
   1.0 Gbps LVDS Buffer/Repeater
logo
Texas Instruments
DS10BR150 TI1-DS10BR150_14 Datasheet
791Kb / 14P
[Old version datasheet]   1.0 Gbps LVDS Buffer / Repeater
DS10BR150 TI1-DS10BR150_13 Datasheet
793Kb / 15P
[Old version datasheet]   1.0 Gbps LVDS Buffer / Repeater
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
[Old version datasheet]   1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com