Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE8.2CA Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # P6KE8.2CA
Description  AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P6KE8.2CA Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  P6KE8.2CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD P6KE8.2CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD P6KE8.2CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD P6KE8.2CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD P6KE8.2CA Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 of 5
AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
POWER: 600Wa t t s
VOLTAGE RANGE: 6.8 - 440V
P6KE6.8A(CA)-P6KE440A(CA)
Classification Rating 94V-O
Features
Glass Passivated Die Construction
Uni- and Bi-Directional Versions Available
Excellent Clamping Capability
Fast Response Time
Plastic Case Material has UL Flammability
Mechanical Data
Case: JEDEC DO-15 Low Profile Molded Plastic
Terminals: Axial Leads, Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band or Cathode Notch
Weight: 0.40 grams (approx.)
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3
PPPM
600 Minimum
W
Peak Forward Surge Current (Note 3)
IFSM
100
A
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1
IPPM
See Table 1
A
Steady State Power Dissipation (Note 2, 4)
PM(AV)
5.0
W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25°C per Figure 4.
2. Mounted on 40mm2 copper pad.
3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4. Lead temperature at 75°C = TL .
5. Peak pulse power waveform is 10/1000µS.
!
!
!
!
!
!
www.sunmate.tw
!
!
!
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm


Similar Part No. - P6KE8.2CA

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
P6KE8.2CA YANGJIE-P6KE8.2CA Datasheet
189Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
P6KE8.2CA PANJIT-P6KE8.2CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
MDE Semiconductor, Inc.
P6KE8.2CA MDE-P6KE8.2CA Datasheet
78Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
P6KE8.2CA SPSEMI-P6KE8.2CA Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
logo
Anova Technologies CO.,...
P6KE8.2CA ANOVA-P6KE8.2CA Datasheet
267Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results

Similar Description - P6KE8.2CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6KE9.1A SUNMATE-P6KE9.1A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE10A SUNMATE-P6KE10A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE16CA SUNMATE-P6KE16CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE18A SUNMATE-P6KE18A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE36CA SUNMATE-P6KE36CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE6.8A SUNMATE-P6KE6.8A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE15CA SUNMATE-P6KE15CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE12CA SUNMATE-P6KE12CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE13A SUNMATE-P6KE13A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE9.1CA SUNMATE-P6KE9.1CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com