Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV10975 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975 Datasheet(HTML) 3 Page - Texas Instruments

  DRV10975 Datasheet HTML 1Page - Texas Instruments DRV10975 Datasheet HTML 2Page - Texas Instruments DRV10975 Datasheet HTML 3Page - Texas Instruments DRV10975 Datasheet HTML 4Page - Texas Instruments DRV10975 Datasheet HTML 5Page - Texas Instruments DRV10975 Datasheet HTML 6Page - Texas Instruments DRV10975 Datasheet HTML 7Page - Texas Instruments DRV10975 Datasheet HTML 8Page - Texas Instruments DRV10975 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
VCP
CPP
CPN
SW
SWGND
VREG
V1P8
GND
V3P3
SCL
SDA
FG
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PowerPAD
VCC
VCC
W
W
V
V
U
U
PGND
PGND
DIR
SPEED
DRV10975
www.ti.com
SLVSCP2 – JANUARY 2015
6 Description (continued)
An I2C interface allows the user to reprogram specific motor parameters in registers and program the EEPROM
to help optimize the performance for a given application. The DRV10975 is available in a thermally-efficient
HTSSOP, 24-pin package with an exposed thermal pad. The operating temperature is specified from –40°C to
125°C.
7 Pin Configuration and Functions
24 Pins
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
N/AME
NO.
VCP
1
P
Charge pump output
CPP
2
P
Charge pump pin 2, use a ceramic capacitor between CPN and CPP
CPN
3
P
Charge pump pin 1, use a ceramic capacitor between CPN and CPP
SW
4
O
Step-down regulator switching node output
SWGND
5
P
Step-down regulator ground
VREG
6
P
Step-down regulator output and feedback point
Internal 1.8-V digital core voltage. V1P8 capacitor must connect to GND. This is an output, but not
V1P8
7
P
specified to drive external loads.
GND
8
P
Digital and analog ground
Internal 3.3-V supply voltage. V3P3 capacitor must connect to GND. This is an output and may drive
V3P3
9
P
external loads not to exceed IV3P3_MAX.
SCL
10
I
I2C clock signal
SDA
11
I/O
I2C data signal
FG
12
O
FG signal output
SPEED
13
I
Speed control signal for PWM or analog input speed command
DIR
14
I
Direction
15
PGND
P
Power ground
16
17
U
O
Motor U phase
18
19
V
O
Motor V phase
20
(1)
I = Input, O = Output, NC = No connect, P = Power
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DRV10975


Similar Part No. - DRV10975

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10975 TI1-DRV10975 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975PWP TI1-DRV10975PWP Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975PWP TI1-DRV10975PWP Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975PWPR TI1-DRV10975PWPR Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10975

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI-DRV10975_15 Datasheet
1Mb / 57P
[Old version datasheet]   DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI1-DRV10983 Datasheet
1Mb / 58P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10987 TI1-DRV10987_17 Datasheet
1Mb / 76P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com