Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8881ERHRR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8881ERHRR
Description  2.5-A Dual H-Bridge Motor Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8881ERHRR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8881ERHRR Datasheet HTML 6Page - Texas Instruments DRV8881ERHRR Datasheet HTML 7Page - Texas Instruments DRV8881ERHRR Datasheet HTML 8Page - Texas Instruments DRV8881ERHRR Datasheet HTML 9Page - Texas Instruments DRV8881ERHRR Datasheet HTML 10Page - Texas Instruments DRV8881ERHRR Datasheet HTML 11Page - Texas Instruments DRV8881ERHRR Datasheet HTML 12Page - Texas Instruments DRV8881ERHRR Datasheet HTML 13Page - Texas Instruments DRV8881ERHRR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
VREF Pin Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
D009
TRQ = 00
TRQ = 01
TRQ = 10
TRQ = 11
V3P3 Load (mA)
0
1
2
3
4
5
6
7
8
9
10
3.32
3.325
3.33
3.335
3.34
3.345
3.35
3.355
3.36
D010
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
Supply Voltage VM (V)
5
10
15
20
25
30
35
40
45
50
200
250
300
350
400
450
500
550
600
D007
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
Ambient Temperature TA (qC)
-40
-20
0
20
40
60
80
100
120
140
210
240
270
300
330
360
390
420
450
480
D008
DRV8881
SLVSD19A – JUNE 2015 – REVISED JULY 2015
www.ti.com
Typical Characteristics (continued)
Over recommended operating conditions (unless otherwise noted)
Figure 7. Low-Side RDS(ON) over VM
Figure 8. Low-Side RDS(ON) over Temperature (VM = 12 V)
Figure 9. xISEN Trip Voltage over VREF Input
Figure 10. V3P3 Regulator over Load (VM = 24 V)
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV8881


Similar Part No. - DRV8881ERHRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8881 TI-DRV8881_15 Datasheet
1Mb / 45P
[Old version datasheet]   DRV8881 2.5-A Dual H-Bridge Motor Driver
More results

Similar Description - DRV8881ERHRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8881 TI-DRV8881_15 Datasheet
1Mb / 45P
[Old version datasheet]   DRV8881 2.5-A Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833_16 Datasheet
1Mb / 30P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com