Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8881EPWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8881EPWP
Description  2.5-A Dual H-Bridge Motor Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8881EPWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8881EPWP Datasheet HTML 7Page - Texas Instruments DRV8881EPWP Datasheet HTML 8Page - Texas Instruments DRV8881EPWP Datasheet HTML 9Page - Texas Instruments DRV8881EPWP Datasheet HTML 10Page - Texas Instruments DRV8881EPWP Datasheet HTML 11Page - Texas Instruments DRV8881EPWP Datasheet HTML 12Page - Texas Instruments DRV8881EPWP Datasheet HTML 13Page - Texas Instruments DRV8881EPWP Datasheet HTML 14Page - Texas Instruments DRV8881EPWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
DRV8881
www.ti.com
SLVSD19A – JUNE 2015 – REVISED JULY 2015
7 Detailed Description
7.1 Overview
The DRV8881 is an integrated motor driver solution for bipolar stepper motors or single/dual brushed-DC motors.
The device integrates two NMOS H-bridges and current regulation circuitry. The DRV8881 can be powered with
a supply voltage between 6.5 and 45 V, and is capable of providing an output current up to 2.5 A peak or 1.4 A
rms per H-bridge. Actual operable rms current will depend on ambient temperature, supply voltage, and PCB
ground plane size.
A simple PH/EN (DRV8881E) or PWM (DRV8881P) interface allows easy interfacing to the controller circuit.
The current regulation is highly configurable, with several decay modes of operation. The decay mode can be
selected as a fixed slow, mixed, or fast decay.
In addition, an AutoTune mode can be used which automatically adjusts the decay setting to minimize current
ripple while still reacting quickly to step changes. This feature greatly simplifies stepper driver integration into a
motor drive system. AutoTune is only available on the DRV8881E.
The PWM off-time, tOFF, can be adjusted to 10, 20, or 30 μs.
An adaptive blanking time feature automatically scales the minimum drive time with output current. This helps
alleviate current waveform distortion by limiting the drive time at low-currents.
A torque DAC feature allows the controller to scale the output current without needing to scale the analog
reference voltage inputs AVREF and BVREF. The torque DAC is accessed using digital input pins. This allows
the controller to save power by decreasing the current consumption when not required.
In the DRV8881P, a parallel mode allows the user to parallel the two H-bridge outputs in order to double the
current capacity.
A low-power sleep mode is included which allows the system to save power when not driving the motor.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DRV8881


Similar Part No. - DRV8881EPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8881 TI-DRV8881_15 Datasheet
1Mb / 45P
[Old version datasheet]   DRV8881 2.5-A Dual H-Bridge Motor Driver
More results

Similar Description - DRV8881EPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8881 TI-DRV8881_15 Datasheet
1Mb / 45P
[Old version datasheet]   DRV8881 2.5-A Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833_16 Datasheet
1Mb / 30P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com