Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8881 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8881
Description  2.5-A Dual H-Bridge Motor Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8881 Datasheet(HTML) 1 Page - Texas Instruments

  DRV8881 Datasheet HTML 1Page - Texas Instruments DRV8881 Datasheet HTML 2Page - Texas Instruments DRV8881 Datasheet HTML 3Page - Texas Instruments DRV8881 Datasheet HTML 4Page - Texas Instruments DRV8881 Datasheet HTML 5Page - Texas Instruments DRV8881 Datasheet HTML 6Page - Texas Instruments DRV8881 Datasheet HTML 7Page - Texas Instruments DRV8881 Datasheet HTML 8Page - Texas Instruments DRV8881 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
APH/AEN
Current scalar
Decay mode
6.5 to 45 V
STEPPER
+
-
DRV8881E
Dual
H-Bridge
Motor Driver
2.5 A
2.5 A
BPH/BEN
BDC
BDC
BDC
BDC
µš}@µv¡
AIN1/AIN2
Current scalar
Decay mode
6.5 to 45 V
STEPPER
+
-
DRV8881P
Dual
H-Bridge
Motor Driver
2.5 A
2.5 A
BIN1/BIN2
BDC
BDC
BDC
BDC
Parallel Mode
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DRV8881
SLVSD19A – JUNE 2015 – REVISED JULY 2015
DRV8881 2.5-A Dual H-Bridge Motor Driver
1 Features
2 Applications
1
Dual H-Bridge Motor Driver
Automatic Teller and Money Handling Machines
Video Security Cameras
Bipolar Stepper Motor Driver
Multi-Function Printers and Document Scanners
Single or Dual Brushed-DC Motor Driver
Factory Automation and Robotics
6.5- to 45-V Operating Supply Voltage Range
Stage Lighting Equipment
Two Control Interface Options
PHASE/ENABLE (DRV8881E)
3 Description
PWM (DRV8881P)
The DRV8881 is a bipolar stepper or brushed-DC
Multiple Decay Modes to Support Any Motor
motor driver for industrial applications. The device
AutoTune™ (DRV8881E Only)
output stage consists of two N-channel power
MOSFET H-bridge drivers. The DRV8881 is capable
Mixed Decay
of driving up to 2.5-A peak current or 1.4-A rms
Slow Decay
current per H-bridge (with proper PCB ground plane
Fast Decay
for thermal dissipation and at 24 V and TA = 25°C).
Adaptive Blanking Time for Smooth Motion
AutoTune™ automatically tunes motors for optimal
Parallel Mode Operation (DRV8881P Only)
current regulation performance and compensates for
motor variation and aging effects. AutoTune is
Configurable Off-Time PWM Chopping
available on the DRV8881E. Additionally, slow, fast,
10, 20, or 30
μs Off-Time
and mixed decay modes are available.
3.3-V, 10-mA LDO Regulator
The PH/EN (DRV8881E) or PWM (DRV8881P) pins
Low-Current Sleep Mode (28 µA)
provide a simple control interface. An internal sense
Small Package and Footprint
amplifier allows for adjustable current control. A low-
power sleep mode is provided for very-low quiescent
28 HTSSOP (PowerPAD)
current standby using a dedicated nSLEEP pin.
28 WQFN (PowerPAD)
SPACE
Internal
protection
functions
are
provided
for
undervoltage, charge pump faults, overcurrent, short-
Protection Features
circuits, and overtemperature. Fault conditions are
VM Undervoltage Lockout (UVLO)
indicated by a nFAULT pin.
Charge Pump Undervoltage (CPUV)
Device Information(1)
Overcurrent Protection (OCP)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Automatic OCP Retry
HTSSOP (28)
9.70 mm × 6.40 mm
Thermal Shutdown (TSD)
DRV8881
WQFN (28)
5.50 mm × 3.50 mm
Fault Condition Indication Pin (nFAULT)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DRV8881E Simplified System Diagram
DRV8881P Simplified System Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV8881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8881 TI-DRV8881_15 Datasheet
1Mb / 45P
[Old version datasheet]   DRV8881 2.5-A Dual H-Bridge Motor Driver
More results

Similar Description - DRV8881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8881 TI-DRV8881_15 Datasheet
1Mb / 45P
[Old version datasheet]   DRV8881 2.5-A Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833_16 Datasheet
1Mb / 30P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com