Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8880PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8880PWPR
Description  Stepper Motor Driver With AutoTune
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8880PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8880PWPR Datasheet HTML 3Page - Texas Instruments DRV8880PWPR Datasheet HTML 4Page - Texas Instruments DRV8880PWPR Datasheet HTML 5Page - Texas Instruments DRV8880PWPR Datasheet HTML 6Page - Texas Instruments DRV8880PWPR Datasheet HTML 7Page - Texas Instruments DRV8880PWPR Datasheet HTML 8Page - Texas Instruments DRV8880PWPR Datasheet HTML 9Page - Texas Instruments DRV8880PWPR Datasheet HTML 10Page - Texas Instruments DRV8880PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
DRV8880
www.ti.com
SLVSD18A – JUNE 2015 – REVISED JULY 2015
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VM, V3P3)
VM
VM operating voltage
6.5
45
V
nSLEEP high; ENABLE high; no motor
IVM
VM operating supply current
8
18
mA
load; VM = 24 V
nSLEEP low; VM = 24 V; TA = 25°C
28
IVMQ
VM sleep mode supply current
μA
nSLEEP low; VM = 24 V; TA = 125°C
77
(1)
tSLEEP
Sleep time
nSLEEP low to sleep mode
100
μs
tWAKE
Wake-up time
nSLEEP high to output transition
1.5
ms
tON
Turn-on time
VM > VUVLO2 to output transition
1.5
ms
V3P3
LDO regulator voltage
External load 0 to 10 mA
2.9
3.3
3.6
V
CHARGE PUMP (VCP, CPH, CPL)
VM > 12 V
VM + 11.5
VCP
VCP operating voltage
V
VUVLO2 < VM < 12 V
2×VM – 1.5
Charge pump switching
ƒVCP
(1)
VM > VUVLO2
175
715
kHz
frequency
LOGIC-LEVEL INPUTS (STEP, DIR, ENABLE, nSLEEP, TRQ0, TRQ1, ATE)
VIL
Input logic low voltage
0
0.6
V
VIH
Input logic high voltage
1.6
5.3
V
VHYS
Input logic hysteresis
100
mV
IIL
Input logic low current
VIN = 0 V
–1
1
μA
IIH
Input logic high current
VIN = 5.0 V
50
100
μA
RPD
Pulldown resistance
Measured between the pin and GND
100
k
tPD
Propagation delay
STEP input to current change
450
ns
TRI-LEVEL INPUTS (M0, M1, DECAY0, DECAY1, TOFF)
VIL
Tri-level input logic low voltage
0
0.6
V
VIZ
Tri-level input Hi-Z voltage
1.1
V
VIH
Tri-level input logic high voltage
1.6
5.3
V
VHYS
Tri-level input hysteresis
100
mV
IIL
Tri-level input logic low current
VIN = 0 V
–55
–35
μA
IIZ
Tri-level input Hi-Z current
VIN = 1.3 V
15
μA
IIH
Tri-level input logic high current
VIN = 3.3 V
85
μA
RPD
Tri-level pulldown resistance
Measured between the pin and GND
40
k
RPU
Tri-level pullup resistance
Measured between V3P3 and the pin
45
k
CONTROL OUTPUTS (nFAULT)
VOL
Output logic low voltage
IO = 4 mA
0.5
V
IOH
Output logic high leakage
External pullup resistor to 3.3 V
–1
1
μA
MOTOR DRIVER OUTPUTS (AOUT1, AOUT2, BOUT1, BOUT2)
VM = 24 V, I = 1 A, TA = 25°C
330
VM = 24 V, I = 1 A, TA = 125°C
(1)
400
440
RDS(ON)
High-side FET on resistance
m
VM = 6.5 V, I = 1 A, TA = 25°C
430
VM = 6.5 V, I = 1 A, TA = 125°C
(1)
500
560
VM = 24 V, I = 1 A, TA = 25°C
300
VM = 24 V, I = 1 A, TA = 125°C
(1)
370
400
RDS(ON)
Low-side FET on resistance
m
VM = 6.5 V, I = 1 A, TA = 25°C
370
VM = 6.5 V, I = 1 A, TA = 125°C
(1)
450
490
(1)
Specified by design and characterization data
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DRV8880


Similar Part No. - DRV8880PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8880 TI-DRV8880_15 Datasheet
1Mb / 48P
[Old version datasheet]   DRV8880 2-A Stepper Motor Driver With AutoTune?
More results

Similar Description - DRV8880PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8880 TI-DRV8880_15 Datasheet
1Mb / 48P
[Old version datasheet]   DRV8880 2-A Stepper Motor Driver With AutoTune?
DRV8886AT TI1-DRV8886AT_18 Datasheet
2Mb / 43P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886AT TI1-DRV8886AT Datasheet
1Mb / 40P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886AT_1811 TI1-DRV8886AT_1811 Datasheet
2Mb / 46P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com