Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8880PWP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8880PWP
Description  Stepper Motor Driver With AutoTune
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8880PWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8880PWP Datasheet HTML 4Page - Texas Instruments DRV8880PWP Datasheet HTML 5Page - Texas Instruments DRV8880PWP Datasheet HTML 6Page - Texas Instruments DRV8880PWP Datasheet HTML 7Page - Texas Instruments DRV8880PWP Datasheet HTML 8Page - Texas Instruments DRV8880PWP Datasheet HTML 9Page - Texas Instruments DRV8880PWP Datasheet HTML 10Page - Texas Instruments DRV8880PWP Datasheet HTML 11Page - Texas Instruments DRV8880PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
DRV8880
SLVSD18A – JUNE 2015 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VM = 24 V, 50
Ω load from xOUTx to
tRISE
Output rise time
70
ns
GND
VM = 24 V, 50
Ω load from VM to
tFALL
Output fall time
70
ns
xOUTx
tDEAD
Output dead time (2)
200
ns
Vd
Body diode forward voltage
IOUT = 0.5 A
0.7
1
V
PWM CURRENT CONTROL (VREF, AISEN, BISEN)
TRQ at 100%, VREF = 3.3 V
500
TRQ at 75%, VREF = 3.3 V
375
VTRIP
xISENSE trip voltage, full scale
mV
TRQ at 50%, VREF = 3.3 V
250
TRQ at 25%, VREF = 3.3 V
125
TRQ at 100% (TRQ0 = 0, TRQ1 = 0)
6.25
6.58
6.91
TRQ at 75% (TRQ0 = 1, TRQ1 = 0)
6.2
6.56
6.92
AV
Amplifier attenuation
V/V
TRQ at 50% (TRQ0 = 0, TRQ1 = 1)
6.09
6.51
6.94
TRQ at 25% (TRQ0 = 1, TRQ1 = 1)
5.83
6.38
6.93
TOFF Logic Low
20
tOFF
PWM off-time
TOFF Logic High
30
μs
TOFF Hi-Z
10
1.8
1.5
tBLANK
PWM blanking time
See Table 8 for details
µs
1.2
0.9
PROTECTION CIRCUITS
VM falling; UVLO2 report
5.8
6.4
VUVLO2
VM undervoltage lockout
V
VM rising; UVLO2 recovery
6.1
6.5
VM falling; logic disabled
4.5
4.9
VUVLO1
Logic undervoltage
V
VM rising; logic enabled
4.8
5
VUVLO,HYS
undervoltage hysteresis
Rising to falling threshold
100
mV
VCP falling; CPUV report
VM + 1.8
VCPUV
Charge pump undervoltage
V
VCP rising; CPUV recovery
VM + 1.9
VCPUV,HYS
CP undervoltage hysteresis
Rising to falling threshold
50
mV
IOCP
Overcurrent protection trip level
Current through any FET
2.5
3.6
A
VOCP
Sense pin overcurrent trip level
Voltage at AISEN or BISEN
0.9
1.25
V
tOCP
Overcurrent deglitch time
2
μs
tRETRY
Overcurrent retry time
0.5
2
ms
TTSD
(2)
Thermal shutdown temperature
Die temperature TJ
150
°C
THYS
(2)
Thermal shutdown hysteresis
Die temperature TJ
35
°C
(2)
Specified by design and characterization data
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV8880


Similar Part No. - DRV8880PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8880 TI-DRV8880_15 Datasheet
1Mb / 48P
[Old version datasheet]   DRV8880 2-A Stepper Motor Driver With AutoTune?
More results

Similar Description - DRV8880PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8880 TI-DRV8880_15 Datasheet
1Mb / 48P
[Old version datasheet]   DRV8880 2-A Stepper Motor Driver With AutoTune?
DRV8886AT TI1-DRV8886AT_18 Datasheet
2Mb / 43P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886AT TI1-DRV8886AT Datasheet
1Mb / 40P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886AT_1811 TI1-DRV8886AT_1811 Datasheet
2Mb / 46P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com