Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8842-EP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8842-EP
Description  DC Motor Driver IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8842-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8842-EP Datasheet HTML 5Page - Texas Instruments DRV8842-EP Datasheet HTML 6Page - Texas Instruments DRV8842-EP Datasheet HTML 7Page - Texas Instruments DRV8842-EP Datasheet HTML 8Page - Texas Instruments DRV8842-EP Datasheet HTML 9Page - Texas Instruments DRV8842-EP Datasheet HTML 10Page - Texas Instruments DRV8842-EP Datasheet HTML 11Page - Texas Instruments DRV8842-EP Datasheet HTML 12Page - Texas Instruments DRV8842-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
OUT1
OUT2
DCM
VM
ISEN
IN2
Pre-
drive
VCP, VGD
VM
+
-
PWM
VREF
OCP
OCP
DECAY
DAC
A = 5
IN1
I[4:0]
5
DRV8842-EP
www.ti.com
SLVSCH4 – JULY 2014
8.3 Feature Description
8.3.1 PWM Motor Drivers
The DRV8842-EP contains one H-bridge motor driver with current-control PWM circuitry. Figure 4 shows a block
diagram of the motor control circuitry.
Figure 4. Motor Control Circuitry
Note that there are multiple VM, ISEN, OUT, and VREF pins. All like-named pins must be connected together on
the PCB.
8.3.2 Bridge Control
The IN1 and IN2 input pins directly control the state of the OUT1 and OUT2 outputs. Either input can also be
used for PWM control of the load. Table 1 shows the logic.
Table 1. H-Bridge Logic
IN1
IN2
OUT1
OUT2
0
0
L
L
0
1
L
H
1
0
H
L
1
1
H
H
The control inputs have internal pulldown resistors of approximately 100 k
Ω.
8.3.3 Current Regulation
The maximum current through the load is regulated by a fixed-frequency PWM current regulation, or current
chopping. When the H-bridge is enabled, current rises through the winding at a rate dependent on the DC
voltage and inductance of the winding. After the current hits the current chopping threshold, the bridge disables
the current until the beginning of the next PWM cycle.
For DC motors, current regulation is used to limit the start-up and stall current of the motor. Speed control is
typically performed by providing an external PWM signal to the IN1 or IN2 input pins.
If the current regulation feature is not needed, it can be disabled by connecting the ISEN pins directly to ground
and the VREF pins to V3P3.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV8842-EP


Similar Part No. - DRV8842-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8842-EP TI-DRV8842-EP_15 Datasheet
994Kb / 26P
[Old version datasheet]   DRV8842-EP DC Motor Driver IC
More results

Similar Description - DRV8842-EP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802 Datasheet
558Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
JUNE2011
DRV8814 TI1-DRV8814_14 Datasheet
873Kb / 19P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8840 TI1-DRV8840_15 Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
DRV8814 TI1-DRV8814_16 Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
DRV8840 TI-DRV8840 Datasheet
551Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802_15 Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
DRV8842 TI1-DRV8842_15 Datasheet
1Mb / 27P
[Old version datasheet]   DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com