Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8833CRTET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8833CRTET
Description  Dual H-Bridge Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8833CRTET Datasheet(HTML) 3 Page - Texas Instruments

  DRV8833CRTET Datasheet HTML 1Page - Texas Instruments DRV8833CRTET Datasheet HTML 2Page - Texas Instruments DRV8833CRTET Datasheet HTML 3Page - Texas Instruments DRV8833CRTET Datasheet HTML 4Page - Texas Instruments DRV8833CRTET Datasheet HTML 5Page - Texas Instruments DRV8833CRTET Datasheet HTML 6Page - Texas Instruments DRV8833CRTET Datasheet HTML 7Page - Texas Instruments DRV8833CRTET Datasheet HTML 8Page - Texas Instruments DRV8833CRTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
3
4
12
11
10
9
AISEN
AOUT2
BOUT2
BISEN
VINT
GND
V
M
NC
GND
(PPAD)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
(PPAD)
AIN1
AIN2
VINT
GND
V
M
NC
BIN2
BIN1
BOUT1
nFAULT
BOUT2
BISEN
AISEN
AOUT2
AOUT1
nSLEEP
DRV8833C
www.ti.com
SLVSCP9 – AUGUST 2014
5 Pin Configuration and Functions
HTSSOP (PWP)
QFN (RTE)
16 Pins
16 Pins
Top View
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
PWP
RTE
POWER AND GROUND
GND
13
11
PWR
Device ground
Both the GND pin and device PowerPAD must be connected to ground
VINT
14
12
Internal regulator (3.3 V)
Internal supply voltage; bypass to GND with 2.2-
μF, 6.3-V capacitor
Connect to motor supply voltage; bypass to GND with a 10-µF
VM
12
10
PWR
Power supply
(minimum) capacitor rated for VM
CONTROL
AIN1
16
14
I
H-bridge A PWM input
Controls the state of AOUT1 and AOUT2; internal pulldown
AIN2
15
13
BIN1
9
7
I
H-bridge B PWM input
Controls the state of BOUT1 and BOUT2; internal pulldown
BIN2
10
8
Logic high to enable device; logic low to enter low-power sleep mode;
nSLEEP
1
15
I
Sleep mode input
internal pulldown
STATUS
Pulled logic low with fault condition; open-drain output requires an
nFAULT
8
6
OD
Fault indication pin
external pullup
OUTPUT
Sense resistor to GND sets PWM current regulation level (see PWM
AISEN
3
1
O
Bridge A sense
Motor Drivers)
AOUT1
2
16
O
Bridge A output
Positive current is AOUT1
→ AOUT2
AOUT2
4
2
Sense resistor to GND sets PWM current regulation level (see PWM
BISEN
6
4
O
Bridge B sense
Motor Drivers)
BOUT1
7
5
O
Bridge B output
Positive current is BOUT1
→ BOUT2
BOUT2
5
3
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DRV8833C


Similar Part No. - DRV8833CRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8833C TI-DRV8833C Datasheet
1Mb / 45P
[Old version datasheet]   DRV8410 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8833C TI-DRV8833C Datasheet
1Mb / 45P
[Old version datasheet]   DRV8411 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8833C TI-DRV8833C Datasheet
2Mb / 54P
[Old version datasheet]   DRV8411 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8833C TI-DRV8833C Datasheet
2Mb / 54P
[Old version datasheet]   DRV8410 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8833C TI-DRV8833C Datasheet
2Mb / 61P
[Old version datasheet]   DRV8410 Dual H-Bridge Motor Driver with Current Regulation
REVISED DECEMBER 2022
More results

Similar Description - DRV8833CRTET

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833_16 Datasheet
1Mb / 30P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8848 TI-DRV8848_15 Datasheet
975Kb / 28P
[Old version datasheet]   DRV8848 Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com