Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8833RTYT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8833RTYT
Description  Dual H-Bridge Motor Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8833RTYT Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8833RTYT Datasheet HTML 6Page - Texas Instruments DRV8833RTYT Datasheet HTML 7Page - Texas Instruments DRV8833RTYT Datasheet HTML 8Page - Texas Instruments DRV8833RTYT Datasheet HTML 9Page - Texas Instruments DRV8833RTYT Datasheet HTML 10Page - Texas Instruments DRV8833RTYT Datasheet HTML 11Page - Texas Instruments DRV8833RTYT Datasheet HTML 12Page - Texas Instruments DRV8833RTYT Datasheet HTML 13Page - Texas Instruments DRV8833RTYT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
CHOP
ISENSE
200 mV
I
R

xOUT1
xOUT2
1
2
3
Forward drive
Slow decay
Fast decay
VM
1
2
1
2
3
Reverse drive
Slow decay
Fast decay
xOUT1
xOUT2
3
VM
1
2
3
FORWARD
REVERSE
DRV8833
SLVSAR1E – JANUARY 2011 – REVISED JULY 2015
www.ti.com
Figure 6 shows the current paths in different drive and decay modes.
Figure 6. Drive and Decay Modes
7.3.3 Current Control
The current through the motor windings may be limited, or controlled, by a fixed-frequency PWM current
regulation, or current chopping. For DC motors, current control is used to limit the start-up and stall current of the
motor. For stepper motors, current control is often used at all times.
When an H-bridge is enabled, current rises through the winding at a rate dependent on the DC voltage and
inductance of the winding. If the current reaches the current chopping threshold, the bridge disables the current
until the beginning of the next PWM cycle. Immediately after the current is enabled, the voltage on the xISEN pin
is ignored for a fixed period of time before enabling the current sense circuitry. This blanking time is fixed at 3.75
μs. This blanking time also sets the minimum on time of the PWM when operating in current chopping mode.
The PWM chopping current is set by a comparator which compares the voltage across a current sense resistor
connected to the xISEN pins with a reference voltage. The reference voltage is fixed at 200 mV.
The chopping current is calculated in Equation 1.
(1)
Example: If a 1-
Ω sense resistor is used, the chopping current will be 200 mV/1 Ω = 200 mA.
Once the chopping current threshold is reached, the H-bridge switches to slow decay mode. Winding current is
recirculated by enabling both of the low-side FETs in the bridge. This state is held until the beginning of the next
fixed-frequency PWM cycle.
If current control is not needed, the xISEN pins should be connected directly to ground.
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DRV8833


Similar Part No. - DRV8833RTYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8833RTYT TI1-DRV8833RTYT Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
More results

Similar Description - DRV8833RTYT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8848 TI-DRV8848_15 Datasheet
975Kb / 28P
[Old version datasheet]   DRV8848 Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com