Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFZ5BBW450LN10 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NFZ5BBW450LN10
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFZ5BBW450LN10 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NFZ5BBW450LN10 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFZ5BBW450LN10 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFZ5BBW450LN10 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
NFZ5BBW450LN10#
“#” indicates a package specification code.
Specifications
Shape
SMD
Size Code (in mm)
5050
Size Code (in inch)
2020
Length
5.0mm
Length Tolerance
±0.2mm
Width
5.0mm
Width Tolerance
±0.2mm
Thickness
2.0mm
Thickness Tolerance
±0.2mm
Rated Current
1.65A
Operating Temperature Range
-
40
to
105
Mass(typ.)
0.22g
Number of Circuit
1
DC Resistance(max.)
0.1Ω
DC Resistance
0.083Ω±20%
Impedance (at 1MHz)
45Ω
Impedance (at 1MHz) Tolerance
±30%
Operating Temperature Range (Self-
temperature rise is included)
-
40
to
125
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/07/29


Similar Part No. - NFZ5BBW450LN10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFZ5BBW450LN10 MURATA1-NFZ5BBW450LN10 Datasheet
332Kb / 3P
   The NFZ series is an impedance component designed for the radiation noise ranges from 30 to 150MHz.
Last updated07/22/2022
NFZ5BBW450LN10K MURATA1-NFZ5BBW450LN10K Datasheet
332Kb / 3P
   The NFZ series is an impedance component designed for the radiation noise ranges from 30 to 150MHz.
Last updated07/22/2022
NFZ5BBW450LN10L MURATA1-NFZ5BBW450LN10L Datasheet
332Kb / 3P
   The NFZ series is an impedance component designed for the radiation noise ranges from 30 to 150MHz.
Last updated07/22/2022
NFZ5BBW450LN10 MURATA1-NFZ5BBW450LN10_V01 Datasheet
332Kb / 3P
   The NFZ series is an impedance component designed for the radiation noise ranges from 30 to 150MHz.
Last updated07/22/2022
More results

Similar Description - NFZ5BBW450LN10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com