Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8833PWP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8833PWP
Description  Dual H-Bridge Motor Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8833PWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8833PWP Datasheet HTML 4Page - Texas Instruments DRV8833PWP Datasheet HTML 5Page - Texas Instruments DRV8833PWP Datasheet HTML 6Page - Texas Instruments DRV8833PWP Datasheet HTML 7Page - Texas Instruments DRV8833PWP Datasheet HTML 8Page - Texas Instruments DRV8833PWP Datasheet HTML 9Page - Texas Instruments DRV8833PWP Datasheet HTML 10Page - Texas Instruments DRV8833PWP Datasheet HTML 11Page - Texas Instruments DRV8833PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Over-
Temp
AOUT1
GND
AIN1
VM
Logic
AOUT2
VM
Gate
Drive
&
OCP
BOUT1
VM
BOUT2
VM
Gate
Drive
&
OCP
BISEN
AISEN
Step
Motor
Drives 2x DC motor
or 1x Stepper
ISEN
ISEN
AIN2
BIN1
BIN2
Charge
Pump
0.01uF
VM
VM
VCP
VM
Internal
Ref &
Regs
VINT
DCM
DCM
nFAULT
nSLEEP
2.2uF
10uF
DRV8833
SLVSAR1E – JANUARY 2011 – REVISED JULY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The DRV8833 device is an integrated motor driver solution for brushed DC or bipolar stepper motors. The device
integrates two NMOS H-bridges and current regulation circuitry. The DRV8833 can be powered with a supply
voltage from 2.7 to 10.8 V and can provide an output current up to 1.5-A RMS.
A simple PWM interface allows easy interfacing to the controller circuit.
The current regulation is a fixed frequency PWM slow decay.
The device includes a low-power sleep mode, which lets the system save power when not driving the motor.
7.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DRV8833


Similar Part No. - DRV8833PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8833PWP TI1-DRV8833PWP Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8833PWPR TI1-DRV8833PWPR Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
More results

Similar Description - DRV8833PWP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8848 TI-DRV8848_15 Datasheet
975Kb / 28P
[Old version datasheet]   DRV8848 Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com