Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8833 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8833
Description  Dual H-Bridge Motor Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8833 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8833 Datasheet HTML 7Page - Texas Instruments DRV8833 Datasheet HTML 8Page - Texas Instruments DRV8833 Datasheet HTML 9Page - Texas Instruments DRV8833 Datasheet HTML 10Page - Texas Instruments DRV8833 Datasheet HTML 11Page - Texas Instruments DRV8833 Datasheet HTML 12Page - Texas Instruments DRV8833 Datasheet HTML 13Page - Texas Instruments DRV8833 Datasheet HTML 14Page - Texas Instruments DRV8833 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
DRV8833
www.ti.com
SLVSAR1E – JANUARY 2011 – REVISED JULY 2015
7.3.4 nSLEEP Operation
Driving nSLEEP low will put the device into a low power sleep state. In this state, the H-bridges are disabled, the
gate drive charge pump is stopped, all internal logic is reset, and all internal clocks are stopped. All inputs are
ignored until nSLEEP returns inactive high. When returning from sleep mode, some time (up to 1 ms) needs to
pass before the motor driver becomes fully operational. To make the board design simple, the nSLEEP can be
pulled up to the supply (VM). TI recommends using a pullup resistor when this is done. This resistor limits the
current to the input in case VM is higher than 6.5 V. Internally, the nSLEEP pin has a 500-k
Ω resistor to GND. It
also has a clamping Zener diode that clamps the voltage at the pin at 6.5 V. Currents greater than 250 µA can
cause damage to the input structure. Hence the recommended pullup resistor would be between 20 k
Ω and
75 k
Ω.
7.3.5 Protection Circuits
The DRV8833 is fully protected against undervoltage, overcurrent and overtemperature events.
7.3.5.1 Overcurrent Protection (OCP)
An analog current limit circuit on each FET limits the current through the FET by limiting the gate drive. If this
analog current limit persists for longer than the OCP deglitch time, all FETs in the H-bridge will be disabled and
the nFAULT pin will be driven low. The driver will be re-enabled after the OCP retry period (tOCP) has passed.
nFAULT becomes high again at this time. If the fault condition is still present, the cycle repeats. If the fault is no
longer present, normal operation resumes and nFAULT remains deasserted. Please note that only the H-bridge
in which the OCP is detected will be disabled while the other bridge will function normally.
Overcurrent conditions are detected independently on both high- and low-side devices; that is, a short to ground,
supply, or across the motor winding will all result in an overcurrent shutdown. Overcurrent protection does not
use the current sense circuitry used for PWM current control, so it functions even without presence of the xISEN
resistors.
7.3.5.2 Thermal Shutdown (TSD)
If the die temperature exceeds safe limits, all FETs in the H-bridge will be disabled and the nFAULT pin will be
driven low. Once the die temperature has fallen to a safe level, operation will automatically resume.
7.3.5.3 Undervoltage Lockout (UVLO)
If at any time the voltage on the VM pin falls below the undervoltage lockout threshold voltage, all circuitry in the
device will be disabled, and all internal logic will be reset. Operation will resume when VM rises above the UVLO
threshold. nFAULT is driven low in the event of an undervoltage condition.
Table 3. Device Protection
INTERNAL
FAULT
CONDITION
ERROR REPORT
H-BRIDGE
RECOVERY
CIRCUITS
VM undervoltage
VM < 2.5 V
None
Disabled
Disabled
VM > 2.7 V
(UVLO)
Overcurrent (OCP)
IOUT > IOCP
FAULTn
Disabled
Operating
OCP
Thermal Shutdown
TJ > TTSD
FAULTn
Disabled
Operating
TJ < TTSD – THYS
(TSD)
7.4 Device Functional Modes
The DRV8833 is active unless the nSLEEP pin is brought logic low. In sleep mode, the H-bridge FETs are
disabled (Hi-Z). The DRV8833 is brought out of sleep mode automatically if nSLEEP is brought logic high.
tWAKE must elapse before the outputs change state after wakeup.
Table 4. Modes of Operation
FAULT
CONDITION
H-BRIDGE
INTERNAL CIRCUITS
Operating
nSLEEP pin high
Operating
Operating
Sleep mode
nSLEEP pin low
Disabled
Disabled
Fault encountered
Any fault condition met
Disabled
See Table 3
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DRV8833


Similar Part No. - DRV8833

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8833 TI-DRV8833 Datasheet
1Mb / 45P
[Old version datasheet]   DRV8410 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8833 TI-DRV8833 Datasheet
1Mb / 45P
[Old version datasheet]   DRV8411 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8833 TI-DRV8833 Datasheet
2Mb / 54P
[Old version datasheet]   DRV8411 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8833 TI-DRV8833 Datasheet
2Mb / 54P
[Old version datasheet]   DRV8410 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
More results

Similar Description - DRV8833

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8848 TI-DRV8848_15 Datasheet
975Kb / 28P
[Old version datasheet]   DRV8848 Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com