Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC421312RGETG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC421312RGETG4
Description  FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC421312RGETG4 Datasheet(HTML) 5 Page - Texas Instruments

  CDC421312RGETG4 Datasheet HTML 1Page - Texas Instruments CDC421312RGETG4 Datasheet HTML 2Page - Texas Instruments CDC421312RGETG4 Datasheet HTML 3Page - Texas Instruments CDC421312RGETG4 Datasheet HTML 4Page - Texas Instruments CDC421312RGETG4 Datasheet HTML 5Page - Texas Instruments CDC421312RGETG4 Datasheet HTML 6Page - Texas Instruments CDC421312RGETG4 Datasheet HTML 7Page - Texas Instruments CDC421312RGETG4 Datasheet HTML 8Page - Texas Instruments CDC421312RGETG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.ti.com
JITTER CHARACTERISTICS IN INPUT CLOCK MODE
S0246-02
CDC421xxx
PhaseNoise
Analyzer
150 W
150 W
150 W
50 W
XIN1
XIN2
0.1 F
m
100pF
CDC421xxx
SLAS540 – APRIL 2007
The jitter characterization test is performed using an LVCMOS input signal driving the CDC421xxx device.
Figure 3. Jitter Test Configuration for an LVTTL Input Driving CDC421xxx
For the cases of the CDC421xxx being referenced by an external, clean LVCMOS input of 31.25 MHz, 33.33
MHz and 35.4167 MHz, the following tables list the measured SSB phase noise of all the outputs supported by
the CDC421xxx device, (100 MHz, 106.25 MHz, 125 MHz, 156.25 MHz, 212.5 MHz, 250 MHz, and 312.5 MHz)
from 100 Hz to 20 MHz from the carrier.
Table 3. Phase Noise Parameters With LVCMOS Input of 33.3333 MHz and LVPECL Output at 100.00 MHz
PARAMETER
MIN
TYP
MAX
UNIT
Phase Noise Specifications Under Following Conditions: fin = 33.3333 MHz, fout = 100.00 MHz
phn100
Phase noise at 100 Hz
–111
dBc/Hz
phn1K
Phase noise at 1 kHz
–121
dBc/Hz
phn10k
Phase noise at 10 kHz
–131
dBc/Hz
phn100k
Phase noise at 100 kHz
–133
dBc/Hz
phn1M
Phase Noise at 1 MHz
–142
dBc/Hz
phn10M
Phase noise at 10 MHz
–149
dBc/Hz
phn20M
Phase noise at 20 MHz
–149
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
507
fs
Tj
Total jitter
35.33
ps
Dj
Deterministic jitter
11.54
ps
Table 4. Phase Noise Parameters With LVCMOS Input of 35.4167 MHz and LVPECL Output at 106.25 MHz
PARAMETER
MIN
TYP
MAX
UNIT
Phase Noise Specifications Under Following Conditions: fin= 35.4167 MHz , fout = 106.25 MHz
phn100
Phase noise at 100 Hz
–112
dBc/Hz
phn1K
Phase noise at 1 kHz
–121
dBc/Hz
phn10k
Phase noise at 10 kHz
–125
dBc/Hz
phn100k
Phase noise at 100 kHz
–129
dBc/Hz
phn1M
Phase noise at 1 MHz
–142
dBc/Hz
phn10M
Phase noise at 10 MHz
–151
dBc/Hz
phn20M
Phase noise at 20 MHz
–151
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
530
fs
Tj
Total jitter
30.39
ps
Dj
Deterministic jitter
11
ps
5
Submit Documentation Feedback


Similar Part No. - CDC421312RGETG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421312RGET TI-CDC421312RGET Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
More results

Similar Description - CDC421312RGETG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Vanlong Technology Co.,...
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com