Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC337 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDC337
Description  Clock Driver with 3-state output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC337 Datasheet(HTML) 3 Page - Texas Instruments

  CDC337 Datasheet HTML 1Page - Texas Instruments CDC337 Datasheet HTML 2Page - Texas Instruments CDC337 Datasheet HTML 3Page - Texas Instruments CDC337 Datasheet HTML 4Page - Texas Instruments CDC337 Datasheet HTML 5Page - Texas Instruments CDC337 Datasheet HTML 6Page - Texas Instruments CDC337 Datasheet HTML 7Page - Texas Instruments CDC337 Datasheet HTML 8Page - Texas Instruments CDC337 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CDC337
CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS330B – DECEMBER 1990 – REVISED OCTOBER 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4.75
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
IOH
High-level output current
–48
mA
IOL
Low-level output current
48
mA
fclock
Input clock frequency
80
MHz
TA
Operating free-air temperature
–40
85
°C
NOTE 3: Unused pins (input or I/O) must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = –18 mA
–1.2
V
VOH
VCC = 4.75 V,
IOH = – 32 mA
3.75
V
VOL
VCC = 4.75 V,
IOL = 32 mA
0.55
V
IIH
VCC = 5.25 V,
VI = 2.7 V
50
µA
IIL
VCC = 5.25 V,
VI = 0.5 V
–50
µA
IOZ
VCC = 5.25 V,
VO = VCC or GND
±50
µA
Outputs high
70
ICC
VCC = 5.25 V,
VI = VCC or GND,
IO = 0
Outputs low
85
mA
Outputs disabled
70
Ci
VI = 2.5 V or 0.5 V
3
pF
Co
VO = VCC or GND
10
pF
† All typical values are at VCC = 5 V, TA = 25°C.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
MIN
MAX
UNIT
fclock
Clock frequency
80
MHz
CLR low
4
tw
Pulse duration
CLK low
4
ns
CLK high
4
tsu
Setup time, CLR inactive before CLK
2
ns
Clock duty cycle
40%
60%


Similar Part No. - CDC337

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC337 TI-CDC337 Datasheet
119Kb / 8P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC337DW TI-CDC337DW Datasheet
119Kb / 8P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC337

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC337 TI-CDC337 Datasheet
119Kb / 8P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC339DBR TI-CDC339DBR Datasheet
281Kb / 13P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC339 TI-CDC339 Datasheet
105Kb / 7P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC330 TI1-CDC330 Datasheet
110Kb / 7P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Renesas Technology Corp
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Texas Instruments
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Texas Instruments
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com