Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC5801ADBQRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC5801ADBQRG4
Description  Low Jitter Clock Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC5801ADBQRG4 Datasheet(HTML) 4 Page - Texas Instruments

  CDC5801ADBQRG4 Datasheet HTML 1Page - Texas Instruments CDC5801ADBQRG4 Datasheet HTML 2Page - Texas Instruments CDC5801ADBQRG4 Datasheet HTML 3Page - Texas Instruments CDC5801ADBQRG4 Datasheet HTML 4Page - Texas Instruments CDC5801ADBQRG4 Datasheet HTML 5Page - Texas Instruments CDC5801ADBQRG4 Datasheet HTML 6Page - Texas Instruments CDC5801ADBQRG4 Datasheet HTML 7Page - Texas Instruments CDC5801ADBQRG4 Datasheet HTML 8Page - Texas Instruments CDC5801ADBQRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CDC5801A
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS813A − AUGUST 2005 − REVISED DECEMBER 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PLL divider/multiplier selection
Table 1 and Table 2 list the supported REFCLK and BUSCLK (CLKOUT/CLKOUTB) frequencies.
Table 1. Multiplication Ratios (P0:2 = 000 or 100)
MULT0
MULT1
REFCLK
(MHZ)
MULTIPLICATION
RATIO
BUSCLK
(MHZ)
0
0
38−125
4
152−500
0
1
25−83.3
6
150−500
1
1
19−62.5
8
152−500
Table 2. Divider Ratio (P0:2 = 001)
MULT0
MULT1
REFCLK
(MHZ)
DIVISION
RATIO
BUSCLK(1)
(MHZ)
0
0
100−125
2
50−62.5
1
0
75−93
3
25−31
1
1
50−62
4
12.5−15.5
† BUSCLK will be undefined until a valid reference clock is available at REFCLK. After applying
REFCLK, the PLL requires stabilization time to achieve phase lock.
Table 3. Clock Output Driver States
STATE
PWRDNB
STOPB
CLKOUT
CLKOUTB
Powerdown
0
X
GND
GND
CLK stop
1
0
VO, STOP
VO, STOP
Normal
1
1
As per Function Table
As per Function Table
Table 4. Programmable Delay and Phase Alignment
DLYCTRL
LEADLAG
CLKOUT AND CLKOUTB
Each rising edge†
1
Will be advanced by one step size (see Table 5)
Each rising edge†
0
Will be delayed by one step size (see Table 5)
† For every 32nd edge, there are one or two edges the phase aligner does not update. Therefore,
CLKOUT phase is not updated on every 32nd edge.
Table 5. Clock Output Driver States
FUNCTIONALITY
STEP SIZE
Multiply by 4, 6, 8
CLKOUT period/384 (for example, 6.5 ps at 400 MHz)
Divide by 2
CLKOUT period/3072 (for example, 6.5 ps at 50 MHz)
Divide by 3
CLKOUT period/6144 (for example, 6.5 ps at 25 MHz)
Divide by 4
CLKOUT period/12288 (for example, 6.5 ps at 12.5 MHz)
NOTE: The frequency of the DLYCTRL terminal must always be equal or less than the
frequency of the LEADLAG terminal.


Similar Part No. - CDC5801ADBQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5801ADBQR TI-CDC5801ADBQR Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
More results

Similar Description - CDC5801ADBQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com