Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC9171 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC9171
Description  DVD SYSTEM CLOCK SYNTHESIZER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC9171 Datasheet(HTML) 4 Page - Texas Instruments

  CDC9171 Datasheet HTML 1Page - Texas Instruments CDC9171 Datasheet HTML 2Page - Texas Instruments CDC9171 Datasheet HTML 3Page - Texas Instruments CDC9171 Datasheet HTML 4Page - Texas Instruments CDC9171 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CDC9171
DVD SYSTEM CLOCK SYNTHESIZER
SCAS558B – DECEMBER 1995 – REVISED OCTOBER 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 20 pF
(see Note A)
LOAD CIRCUIT
Duty Cycle
tr
tf
2.4 V
1.5 V
0.4 V
NOTES: A. CL inlcudes probe and jig capacitance.
B. The outputs are measured one at a time with one transition per measurement.
Figure 1. Voltage Waveform and Load Circuit


Similar Part No. - CDC9171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC913 TI-CDC913 Datasheet
156Kb / 10P
[Old version datasheet]   PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
CDC913DB TI-CDC913DB Datasheet
156Kb / 10P
[Old version datasheet]   PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
CDC913DW TI-CDC913DW Datasheet
156Kb / 10P
[Old version datasheet]   PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
More results

Similar Description - CDC9171

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
MK3235 ICST-MK3235 Datasheet
67Kb / 4P
   Handheld System Clock Synthesizer
MK3233 ICST-MK3233 Datasheet
68Kb / 4P
   Handheld System Clock Synthesizer
MK3234 ICST-MK3234 Datasheet
67Kb / 4P
   Portable System Clock Synthesizer
logo
Panasonic Semiconductor
SC-VK960 PANASONIC-SC-VK960 Datasheet
5Mb / 39P
   DVD Stereo System
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
   DVD/MPEG CLOCK SOURCE
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Integrated Circuit Syst...
MK2745-24 ICST-MK2745-24 Datasheet
63Kb / 4P
   DVD/MPEG Clock Source
logo
Renesas Technology Corp
MK2745-21 RENESAS-MK2745-21 Datasheet
343Kb / 7P
   DVD/MPEG CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com