Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC9171 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC9171
Description  DVD SYSTEM CLOCK SYNTHESIZER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC9171 Datasheet(HTML) 3 Page - Texas Instruments

  CDC9171 Datasheet HTML 1Page - Texas Instruments CDC9171 Datasheet HTML 2Page - Texas Instruments CDC9171 Datasheet HTML 3Page - Texas Instruments CDC9171 Datasheet HTML 4Page - Texas Instruments CDC9171 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDC9171
DVD SYSTEM CLOCK SYNTHESIZER
SCAS558B – DECEMBER 1995 – REVISED OCTOBER 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VI
Input voltage (PWRDN only)
0
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–8
mA
IOL
Low-level output current
8
mA
TA
Operating free-air temperature
0
70
°C
NOTE 3: Unused inputs must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
MAX
UNIT
VIK
VCC = 3 V,
II = –18 mA
–1.2
–1.2
V
VOH
VCC = 3 V,
IOH = –8 mA
2.4
2.4
V
VOL
VCC = 3 V,
IOL = 8 mA
0.4
0.4
V
II†
VCC = 3.6 V,
VI = VCC or GND
±1
±1
µA
ICC
VCC = 3.6 V,
IO = 0
Outputs active
(PWRDN = H)
20
35
35
mA
ICC
CC
,
VI = VCC or GND
O
Outputs low
(PWRDN = L)
5
10
10
mA
Ci†
VI = 3 V or 0
7
pF
Co
VO = 3 V or 0
8
pF
† Except for crystal input (1X1)
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
Stabilization time‡
After PWRDN
5
ms
Stabilization time‡
After power up
5
ms
‡ Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained, a
fixed-frequency, fixed-phase reference signal must be present at 1X1.
switching characteristics over recommended free-air temperature range for 3-V outputs (see
Figure 1)§
PARAMETER
VCC = 3.3 V,
TA = 25°C
VCC = 3 V to 3.6 V,
TA = 0°C to 70°C
UNIT
MIN
MAX
MIN
MAX
Jitter
FCLK1
±200
ps
Jitter
All other outputs
±250
ps
Duty cycle
Any output
45%
55%
tr¶
Any output (CL = 20 pF)
2.5
ns
tf¶
Any output (CL = 20 pF)
2.5
ns
§ Specifications are applicable only after the PLL stabilization time has elapsed.
¶ Rise and fall times are characterized using the test circuit shown in Figure 1.


Similar Part No. - CDC9171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC913 TI-CDC913 Datasheet
156Kb / 10P
[Old version datasheet]   PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
CDC913DB TI-CDC913DB Datasheet
156Kb / 10P
[Old version datasheet]   PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
CDC913DW TI-CDC913DW Datasheet
156Kb / 10P
[Old version datasheet]   PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
More results

Similar Description - CDC9171

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
MK3235 ICST-MK3235 Datasheet
67Kb / 4P
   Handheld System Clock Synthesizer
MK3233 ICST-MK3233 Datasheet
68Kb / 4P
   Handheld System Clock Synthesizer
MK3234 ICST-MK3234 Datasheet
67Kb / 4P
   Portable System Clock Synthesizer
logo
Panasonic Semiconductor
SC-VK960 PANASONIC-SC-VK960 Datasheet
5Mb / 39P
   DVD Stereo System
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
   DVD/MPEG CLOCK SOURCE
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Integrated Circuit Syst...
MK2745-24 ICST-MK2745-24 Datasheet
63Kb / 4P
   DVD/MPEG Clock Source
logo
Renesas Technology Corp
MK2745-21 RENESAS-MK2745-21 Datasheet
343Kb / 7P
   DVD/MPEG CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com