Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC9171 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDC9171
Description  DVD SYSTEM CLOCK SYNTHESIZER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC9171 Datasheet(HTML) 2 Page - Texas Instruments

  CDC9171 Datasheet HTML 1Page - Texas Instruments CDC9171 Datasheet HTML 2Page - Texas Instruments CDC9171 Datasheet HTML 3Page - Texas Instruments CDC9171 Datasheet HTML 4Page - Texas Instruments CDC9171 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CDC9171
DVD SYSTEM CLOCK SYNTHESIZER
SCAS558B – DECEMBER 1995 – REVISED OCTOBER 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
OSC
TEST
1X1
23
2
3
6
PWRDN
24
22
17
13
FCLK1
(18.432 MHz)
FCLK2
(27 MHz)
FCLK3
(27 MHz)
FCLK4
(33.868 MHz)
33.868-MHz
PLL
27-MHz
PLL
1X2
(18.432 MHz)
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state or power-off state, VO)
–0.5 V to VCC + 0.5 V
. . . . . . . .
Current into any output in the low state, IO
±35 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VI < 0)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 2)
0.65 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input clamp-current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 750 mils.
For more information, refer to the
Package Thermal Considerations application note in the ABT Advanced BiCMOS Technology Data
Book, literature number SCBD002.


Similar Part No. - CDC9171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC913 TI-CDC913 Datasheet
156Kb / 10P
[Old version datasheet]   PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
CDC913DB TI-CDC913DB Datasheet
156Kb / 10P
[Old version datasheet]   PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
CDC913DW TI-CDC913DW Datasheet
156Kb / 10P
[Old version datasheet]   PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
More results

Similar Description - CDC9171

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
MK3235 ICST-MK3235 Datasheet
67Kb / 4P
   Handheld System Clock Synthesizer
MK3233 ICST-MK3233 Datasheet
68Kb / 4P
   Handheld System Clock Synthesizer
MK3234 ICST-MK3234 Datasheet
67Kb / 4P
   Portable System Clock Synthesizer
logo
Panasonic Semiconductor
SC-VK960 PANASONIC-SC-VK960 Datasheet
5Mb / 39P
   DVD Stereo System
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
   DVD/MPEG CLOCK SOURCE
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Integrated Circuit Syst...
MK2745-24 ICST-MK2745-24 Datasheet
63Kb / 4P
   DVD/MPEG Clock Source
logo
Renesas Technology Corp
MK2745-21 RENESAS-MK2745-21 Datasheet
343Kb / 7P
   DVD/MPEG CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com