Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC5806 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC5806
Description  THREE PLLs BASED CLOCK GENERATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC5806 Datasheet(HTML) 3 Page - Texas Instruments

  CDC5806_15 Datasheet HTML 1Page - Texas Instruments CDC5806_15 Datasheet HTML 2Page - Texas Instruments CDC5806_15 Datasheet HTML 3Page - Texas Instruments CDC5806_15 Datasheet HTML 4Page - Texas Instruments CDC5806_15 Datasheet HTML 5Page - Texas Instruments CDC5806_15 Datasheet HTML 6Page - Texas Instruments CDC5806_15 Datasheet HTML 7Page - Texas Instruments CDC5806_15 Datasheet HTML 8Page - Texas Instruments CDC5806_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION OF THE LOGIC
CDC5806
SCAS760A – MARCH 2004 – REVISED JULY 2004
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO
REF_IN
2
I LVCMOS
Reference frequency input
VIDSEL
1
I LVCMOS
VIDSEL select input for VIDCLK. It selects between 74.175824 MHz from PLL1 and buffered
input frequency of 54 MHz, 100k||100k pull to mid-level.
AUDSEL
9
I LVCMOS
AUDSEL select input for AUDCLK. It selects between 16.9344 MHz and 12.288 MHz from
PLL2, 100k||100k pull to mid level.
MCSEL
10
I LVCMOS
MCSEL select input for MCCLK. It selects from 38.4 MHz, 19.2 MHz, and 12 MHz from PLL3,
100k||100k pull to mid level.
VIDCLK
4
O LVCMOS
VIDCLK output 74.175824 MHz or 54 MHz
AUDCLK
7
O LVCMOS
AUDCLK output 16.9344 MHz or 12.288 MHz
CPUCLK
17
O LVCMOS
CPUCLK output 64 MHz
ASICCLK
20
O LVCMOS
ASICCLK output 32 MHz
USBCLK
14
O LVCMOS
USBCLK output 48 MHz
MCCLK
4
O LVCMOS
MCCLK output 38.4 MHz / 19.2 MHz / 12 MHz
VDD_PLL1
3
Power
3.3-V supply for PLL1 and VIDCLK
VDD_PLL2
6
Power
3.3-V supply for PLL2 and AUDCLK
VDD_PLL3
13, 16, 19
Power
3.3-V supply for PLL3 and CPUCLK, ASICCLK, USBCLK, and MCCLK
VSS_PLL1
5
Ground
Ground for PLL1 and VIDCLK
VSS_PLL2
8
Ground
Ground for PLL2 and AUDCLK
VSS_PLL3
12, 15, 18
Ground
Ground for PLL3 and CPUCLK, ASICCLK, USBCLK, and MCCLK
Table 1. Select Function for Video, Audio, CPU, ASIC, and USB Clocks
VIDSEL
AUDSEL
VIDCLK
AUDCLK
CPUCLK
ASICCLK
USBCLK
Unit
L
L
54 (buffered)
12.288
64
32
48
MHz
L
M
Reserved
Reserved
64
32
48
MHz
L
H
54 (buffered)
16.9344
64
32
48
MHz
M
L
Reserved
Reserved
64
32
48
MHz
M
M
Reserved
Reserved
REFCLK/3
REFCLK/6
REFCLK/4
MHz
M
H
Reserved
Reserved
64
32
48
MHz
H
L
74.175824
12.288
64
32
48
MHz
H
M
Reserved
Reserved
64
32
48
MHz
H
H
74.175824
16.9344
64
32
48
MHz
Table 2. Select Function for MC Clock
MCSEL
MCCLK
MCCLK if VIDSEL = M and AUDSEL = M
UNIT
H
12 MHz
REFCLK/16
MHz
M
38.4 MHz
REFCLK/5
MHz
L
19.2 MHz
REFCLK/10
MHz
3


Similar Part No. - CDC5806_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
More results

Similar Description - CDC5806_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
Analog Devices
AD9577 AD-AD9577 Datasheet
672Kb / 44P
   Clock Generator with Dual PLLs
REV. 0
logo
Nippon Precision Circui...
SM8707E NPC-SM8707E Datasheet
380Kb / 12P
   Clock Generator with Dual PLLs
logo
Integrated Circuit Syst...
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
   Communications Clock PLLs
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
logo
Analog Devices
AD9577 AD-AD9577_16 Datasheet
746Kb / 44P
   Clock Generator with Dual PLLs, Spread Spectrum, and Margining
logo
List of Unclassifed Man...
FS6322-04 ETC1-FS6322-04 Datasheet
64Kb / 7P
   Three-PLL Clock Generator IC
FS6322-05 ETC1-FS6322-05 Datasheet
59Kb / 7P
   Three-PLL Clock Generator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com