Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC924DL Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC924DL
Description  133Mhz Clock Synthesizer/Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC924DL Datasheet(HTML) 3 Page - Texas Instruments

  CDC924DL Datasheet HTML 1Page - Texas Instruments CDC924DL Datasheet HTML 2Page - Texas Instruments CDC924DL Datasheet HTML 3Page - Texas Instruments CDC924DL Datasheet HTML 4Page - Texas Instruments CDC924DL Datasheet HTML 5Page - Texas Instruments CDC924DL Datasheet HTML 6Page - Texas Instruments CDC924DL Datasheet HTML 7Page - Texas Instruments CDC924DL Datasheet HTML 8Page - Texas Instruments CDC924DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CDC924
133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3STATE OUTPUTS
SCAS607B − NOVEMBER 1998 − REVISED JULY 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
3V66 [0−3]
21, 22, 25, 26
O
3.3 V, Type 5, 66-MHz clock outputs
48MHz
30
O
3.3 V, Type 3, 48-MHz clock output
APIC [0−2]
53, 54, 55
O
2.5 V, Type 1, APIC clock outputs
CPU [0−3]
41, 42, 45, 46
O
2.5 V, Type 1, CPU clock outputs
CPU_DIV2 [0−1]
49, 50
O
2.5 V, Type 1, CPU_DIV2 clock outputs
CPU_STOP
36
I
Disables CPU clock to low state
GND
1, 7, 13, 19,
20, 24, 29, 38,
40, 44, 48, 52
Ground
PCI [1−7]
9, 11, 12, 14,
15, 17, 18
O
3.3 V, Type 5, 33-MHz PCI clock outputs
PCI_F
8
O
Free-running 3.3-V, Type 5, 33-MHz PCI clock output
PCI_STOP
37
I
Disables PCI clock to low state
PWR_DWN
35
I
Power down for complete device with outputs forced low
REF0, REF1
2, 3
O
3.3 V, Type 3, 14.318-MHz reference clock output
SEL0, SEL1
32, 33
I
LVTTL level logic select terminals for function selection
SEL133/100
28
I
LVTTL level logic select pins for enabling 100/133 MHz
SPREAD
34
I
Disables SSC function
VDD3.3V
4, 10, 16, 23,
27, 31, 39
Power for the 3V66, 48MHz, PCI, REF outputs and CORE logic
VDD2.5V
43, 47, 51, 56
Power for CPU and APIC outputs
XIN
5
I
Crystal input – 14.318 MHz
XOUT
6
O
Crystal output – 14.318 MHz


Similar Part No. - CDC924DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC924DL TI-CDC924DL Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
More results

Similar Description - CDC924DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
logo
Integrated Device Techn...
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
logo
Renesas Technology Corp
843S104I-133 RENESAS-843S104I-133 Datasheet
645Kb / 25P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
April 28, 2016
logo
Texas Instruments
CDC9842 TI1-CDC9842 Datasheet
105Kb / 7P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER
logo
Winbond
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
logo
Integrated Circuit Syst...
ICS9248-80 ICST-ICS9248-80 Datasheet
157Kb / 7P
   General Purpose 133MHz System Clock
logo
Renesas Technology Corp
ICS9248-80 RENESAS-ICS9248-80 Datasheet
423Kb / 8P
   General Purpose 133MHz System Clock
2019
logo
Cypress Semiconductor
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
logo
SpectraLinear Inc
CY2254A SPECTRALINEAR-CY2254A Datasheet
111Kb / 7P
   Pentium짰 Processor Compatible Clock Synthesizer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com