Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CBB131DL Datasheet(PDF) 7 Page - Jianghai Europe GmbH

Part No. CBB131DL
Description  Polypropylene Film Capacitors for DC-Link Applications
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JIANGHAI [Jianghai Europe GmbH]
Homepage  http://www.jianghai-europe.com
Logo 

CBB131DL Datasheet(HTML) 7 Page - Jianghai Europe GmbH

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CBB 131 DL Series
Accessories for bracket mounting (order code “2”)
For Diameter 76-86mm
For Diameter 116mm
Ordering Code
2016 v8.3


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn